Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74ACT533 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74ACT533
Description  Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74ACT533 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74ACT533 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74ACT533 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74ACT533 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74ACT533 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74ACT533 Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74ACT533 Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74ACT533
Octal 3-State Inverting
Transparent Latch
High-Speed Silicon-Gate CMOS
ORDERING INFORMATION
KK74ACT533N Plastic
KK74ACT533DW SOIC
TA = -40° to 85° C for all packages
The KK74ACT533 is identical in pinout to the LS/ALS533,
HC/HCT533. The KK74ACT533 may be used as a level converter for
interfacing TTL or NMOS outputs to High Speed CMOS inputs.
These latches appear transparent to data (i.e., the outputs change
asynchronously) when Latch Enable is high. The data appears as the
outputs in inverted form. When Latch Enable goes low, data meeting the
setup and hold time becomes latched.
The Output Enable input does not affect the state of the latches, but
when Output Enable is high, all device outputs are forced to the high-
impedance state. Thus, data may be latched even when the outputs are not
enabled.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
Output
Enable
Latch
Enable
D
Q
L
H
H
L
L
H
L
H
L
L
X
no
change
H
X
X
Z
X = don’t care
Z = high impedance
• Outputs Source/Sink 24 mA
• 3-State Outputs for Bus Interfacing
LOGIC DIAGRAM
P
IN 20=VCC
PIN 10 = GND
1


Similar Part No. - KK74ACT533

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT534 KODENSHI-KK74ACT534 Datasheet
301Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74ACT534DW KODENSHI-KK74ACT534DW Datasheet
301Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
KK74ACT534N KODENSHI-KK74ACT534N Datasheet
301Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results

Similar Description - KK74ACT533

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC533 INTEGRAL-IN74AC533 Datasheet
213Kb / 5P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC533 IKSEMICON-IN74AC533 Datasheet
250Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
IN74ACT533 IKSEMICON-IN74ACT533 Datasheet
296Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC533 KODENSHI-KK74AC533 Datasheet
338Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC533A MOTOROLA-MC54HC533A Datasheet
92Kb / 7P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH HIGH-PERFORMANCE SILICON-GATE CMOS
logo
IK Semicon Co., Ltd
IN74HC533A IKSEMICON-IN74HC533A Datasheet
316Kb / 7P
   Octal 3-State Inverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC533 SLS-SL74HC533 Datasheet
57Kb / 6P
   Octal 3-State Inverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74AC373 IKSEMICON-IN74AC373 Datasheet
258Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
IN74ACT373 IKSEMICON-IN74ACT373 Datasheet
338Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC373 INTEGRAL-IN74AC373 Datasheet
214Kb / 5P
   Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com