Electronic Components Datasheet Search |
|
AM26C32IDR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
AM26C32IDR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 19 page AM26C32 QUADRUPLE DIFFERENTIAL LINE RECEIVER SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Meets or Exceeds the Requirements of ANSI TIA/EIA-422-B, TIA/EIA-423-B, and ITU Recommendation V.10 and V.11 D Low Power, ICC = 10 mA Typ D ±7-V Common-Mode Range With ±200-mV Sensitivity D Input Hysteresis . . . 60 mV Typ D tpd = 17 ns Typ D Operates From a Single 5-V Supply D 3-State Outputs D Input Fail-Safe Circuitry D Improved Replacements for AM26LS32 D Available in Q-Temp Automotive − High Reliability Automotive Applications − Configuration Control/Print Support − Qualification to Automotive Standards description/ordering information The AM26C32 is a quadruple differential line receiver for balanced or unbalanced digital data transmission. The enable function is common to all four receivers and offers a choice of active-high or active-low input. The 3-state outputs permit connection directly to a bus-organized system. Fail-safe design specifies that if the inputs are open, the outputs always are high. The AM26C32 devices are manufactured using a BiCMOS process, which is a combination of bipolar and CMOS transistors. This process provides the high voltage and current of bipolar with the low power of CMOS to reduce the power consumption to about one-fifth that of the standard AM26LS32, while maintaining ac and dc performance. The AM26C32C is characterized for operation from 0 °C to 70°C. The AM26C32I is characterized for operation from −40 °C to 85°C. The AM26C32Q is characterized for operation from −40°C to 125°C. The AM26C32M is characterized for operation over the full military temperature range of −55 °C to 125°C. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1B 1A 1Y G 2Y 2A 2B GND VCC 4B 4A 4Y G 3Y 3A 3B AM26C32C ... D, N, OR NS PACKAGE AM26C32I ... D, N, NS, OR PW PACKAGE AM26C32Q ...D PACKAGE AM26C32M ...J OR W PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4A 4Y NC G 3Y 1Y G NC 2Y 2A AM26C32M . . . FK PACKAGE (TOP VIEW) NC − No internal connection On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Similar Part No. - AM26C32IDR |
|
Similar Description - AM26C32IDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |