Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3202 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL-3202
Description  IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3202 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL-3202 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3202 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Agilent HSDL-3202
IrDA® Data 1.3 Low Power
Compliant 115.2 Kb/s Infrared
Transceiver
Data Sheet
Description
The HSDL-3202 is a new generation
of low-cost Infrared (IR) transceiver
modules from Agilent Technologies.
It features one of the smallest foot-
prints in the industry at 2.5 H x
8.0 W x 3.0 D mm. Although the
supply voltage can range from 2.7 V
to 3.6 V, the LED drive current is
internally compensated to a con-
stant 32 mA to guarantee link dis-
Features
• Ultra small surface mount
package
• Minimal height: 2.5 mm
•VCC from 2.7 to 3.6 volts
• Interface to input/output logic
circuits as low as 1.8 V
• LED supply voltage can range from
2.7 to 6 volts
• Low ICC shutdown current
– 10 nA typical
• Complete shutdown
– TxD, RxD, PIN diode
• Three optional external
components
• Temperature performance guaran-
teed, –25
°C to 85°C
• 32 mA LED drive current
• Integrated EMI shield
• IEC825-1 class 1 eye safe
• Edge detection input
– prevents the LED from
long turn on time
Applications
• Mobile telecom
– cellular phones
– pagers
– smart phones
• Data communication
– PDAs
– portable printers
• Digital imaging
– digital cameras
– photo-imaging printers
• Electronic wallet
tance of IrDA Data 1.3 (low
power) physical layer
specification.
The HSDL-3202 meets the link
distance of 20 cm to other IrDA
1.3 low power devices, and 30 cm
to standard one meter IrDA 1.3
devices. It is designed to interface
to input/output logic circuits as
low as 1.8 V.
IrDA 1.3
LOW POWER
IrDA 1.3
STANDARD
OR
LOW POWER
30°
ILLUMINATION
CONE
CELL PHONES
PAGERS
PDAs
CAMERAS
CELL PHONES
PAGERS
PRINTERS
PCs
PDAs
CAMERAS
20 CM TO LOW POWER DEVICES
30 CM TO STANDARD DEVICES


Similar Part No. - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3202

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com