Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7342PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7342PBF
Description  HEXFET짰 Power MOSFET (VDSS = -55V , RDS(on) = 0.105廓)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7342PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7342PBF Datasheet HTML 1Page - International Rectifier IRF7342PBF Datasheet HTML 2Page - International Rectifier IRF7342PBF Datasheet HTML 3Page - International Rectifier IRF7342PBF Datasheet HTML 4Page - International Rectifier IRF7342PBF Datasheet HTML 5Page - International Rectifier IRF7342PBF Datasheet HTML 6Page - International Rectifier IRF7342PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HEXFET® Power MOSFET
PD - 95200
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
10/7/04
Description
l Generation V Technology
l Ultra Low On-Resistance
l Dual P-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
SO-8
VDSS = -55V
RDS(on) = 0.105Ω
IRF7342PbF
www.irf.com
1
Parameter
Max.
Units
VDS
Drain- Source Voltage
-55
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
-3.4
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
-2.7
A
IDM
Pulsed Drain Current

-27
PD @TC = 25°C
Power Dissipation
2.0
PD @TC = 70°C
Power Dissipation
1.3
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
30
V
EAS
Single Pulse Avalanche Energy
‚
114
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
–––
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
l Lead-Free


Similar Part No. - IRF7342PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7342PBF IRF-IRF7342PBF Datasheet
164Kb / 7P
   Generation V Technology
IRF7342PBF IRF-IRF7342PBF Datasheet
164Kb / 7P
   Generation V Technology
logo
Infineon Technologies A...
IRF7342PBF INFINEON-IRF7342PBF Datasheet
337Kb / 8P
   Dual P Channel MOSFET
2016-5-26
logo
International Rectifier
IRF7342PBF-1 IRF-IRF7342PBF-1 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7342PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com