Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT280EE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # CD74ACT280EE4
Description  9-Bit Odd/Even Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT280EE4 Datasheet(HTML) 2 Page - Texas Instruments

  CD74ACT280EE4 Datasheet HTML 1Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 2Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 3Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 4Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 5Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 6Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 7Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 8Page - Texas Instruments CD74ACT280EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
F
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or Ground Current, ICC or IGND (Note 3) . . . . . . . . .±100mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC (Note 4)
AC Types. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Slew Rate, dt/dv
AC Types, 1.5V to 3V . . . . . . . . . . . . . . . . . . . . . . . . . 50ns (Max)
AC Types, 3.6V to 5.5V . . . . . . . . . . . . . . . . . . . . . . . . 20ns (Max)
ACT Types, 4.5V to 5.5V. . . . . . . . . . . . . . . . . . . . . . . 10ns (Max)
Thermal Resistance (Typical, Note 5)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
___
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
___
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. For up to 4 outputs per device, add
±25mA for each additional output.
4. Unless otherwise specified, all voltages are referenced to ground.
5.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
AC TYPES
High Level Input Voltage
VIH
-
-
1.5
1.2
-
1.2
-
1.2
-
V
3
2.1
-
2.1
-
2.1
-
V
5.5
3.85
-
3.85
-
3.85
-
V
Low Level Input Voltage
VIL
-
-
1.5
-
0.3
-
0.3
-
0.3
V
3
-
0.9
-
0.9
-
0.9
V
5.5
-
1.65
-
1.65
-
1.65
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
1.5
1.4
-
1.4
-
1.4
-
V
-0.05
3
2.9
-
2.9
-
2.9
-
V
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-4
3
2.58
-
2.48
-
2.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75
(Note 6, 7)
5.5
-
-
3.85
-
-
-
V
-50
(Note 6, 7)
5.5
----
3.85
-
V
CD54/74AC280, CD54/74ACT280


Similar Part No. - CD74ACT280EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT280EE4 TI-CD74ACT280EE4 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
More results

Similar Description - CD74ACT280EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
   9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
   9-bit Odd / Even Parity Generator / Checker
logo
NXP Semiconductors
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
   9-bit odd/even parity generator/checker
December 1990
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
   9-bit odd/even parity generator/checker
1996 Mar 12
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
   9-bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
   9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
logo
Nexperia B.V. All right...
74HCT280 NEXPERIA-74HCT280 Datasheet
245Kb / 13P
   9-bit odd/even parity generator/checker
Rev. 4 - 16 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com