Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HC08A Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74HC08A
Description  Quad 2-Input AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC08A Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74HC08A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC08A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC08A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC08A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC08A Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
KK74HC08A
Quad 2-Input AND Gate
ORDERING INFORMATION
KK74HC08AN
Plastic
KK74HC08AD
SOIC
TA = -55° to 125° C for all packages
The KK74HC08A is identical in pinout to the LS/ALS08. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LS/ALSTTL outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
L
L
H
L
H
L
L
H
H
H
1


Similar Part No. - KK74HC08A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
   Quad 2-Input NAND Gate
KK74HC00AD KODENSHI-KK74HC00AD Datasheet
235Kb / 5P
   Quad 2-Input NAND Gate
KK74HC00AN KODENSHI-KK74HC00AN Datasheet
235Kb / 5P
   Quad 2-Input NAND Gate
KK74HC02A KODENSHI-KK74HC02A Datasheet
249Kb / 5P
   Quad 2-Input NOR Gate
KK74HC02AD KODENSHI-KK74HC02AD Datasheet
249Kb / 5P
   Quad 2-Input NOR Gate
More results

Similar Description - KK74HC08A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com