Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL496CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TL496CD
Description  9-V POWER-SUPPLY CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL496CD Datasheet(HTML) 5 Page - Texas Instruments

  TL496CD Datasheet HTML 1Page - Texas Instruments TL496CD Datasheet HTML 2Page - Texas Instruments TL496CD Datasheet HTML 3Page - Texas Instruments TL496CD Datasheet HTML 4Page - Texas Instruments TL496CD Datasheet HTML 5Page - Texas Instruments TL496CD Datasheet HTML 6Page - Texas Instruments TL496CD Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TL496C, TL496Y
9-VOLT POWER-SUPPLY CONTOLLERS
SLVS012B – AUGUST 1978 – REVISED AUGUST 1995
4–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
75
1
4
2
36
8
1C INPUT
SW
OUTPUT
FEEDBACK
GND
GND
T INPUT
2C INPUT
TL496C
L
OUTPUT
GND
D1
T1
CIRCUIT COMPONENT INFORMATION
D1: 1N4001
CO: 330 µF to 470 µF, 10 V, electrolytic
L: 40
µH to 50 µH, Q ≈ 3, R < 0.15 Ω
T1: Vsec = 6.8 V RMS typ, Rsec = 11 Ω typ
CO
BATT
AC
INPUT
Figure 1. One-Cell Operation
T1
D1
GND
OUTPUT
L
TL496C
2C INPUT
T INPUT
GND
GND
FEEDBACK
OUTPUT
SW
1C INPUT
8
6
3
2
41
5
7
CIRCUIT COMPONENT INFORMATION
D1: 1N4001
CO: 330 µF to 470 µF, 10 V, electrolytic
L: 40
µH to 50 µH, Q ≈ 3, R < 0.15 Ω
T1: Vsec = 6.8 V RMS typ, Rsec = 11 Ω typ
CO
AC
INPUT
BATT
Figure 2. Two-Cell Operation
electrical characteristics for one- and two-cell input operations
PARAMETER
ONE-CELL OPERATION
(see Figure 1)
TWO-CELL OPERATION
(see Figure 2)
Input current
No load
125
µA
125
µA
Input current
RL = 120 Ω
525 mA
405 mA
Output voltage
No ac input
7.2 V
8.6 V
Output voltage
With ac input
8.6 V
10 V
Output current capability
40 mA
80 mA
Efficiency
66%
66%
Battery life (AA NiCad) no load
60 days
166 days


Similar Part No. - TL496CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL490C TI-TL490C Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL490CJ TI-TL490CJ Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL490CN TI-TL490CN Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL493 TI-TL493 Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL493CD TI-TL493CD Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL496CD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Maxim Integrated Produc...
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Texas Instruments
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
   UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com