Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL496CP Datasheet(PDF) 6 Page - Texas Instruments

Part # TL496CP
Description  9-V POWER-SUPPLY CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL496CP Datasheet(HTML) 6 Page - Texas Instruments

  TL496CP Datasheet HTML 1Page - Texas Instruments TL496CP Datasheet HTML 2Page - Texas Instruments TL496CP Datasheet HTML 3Page - Texas Instruments TL496CP Datasheet HTML 4Page - Texas Instruments TL496CP Datasheet HTML 5Page - Texas Instruments TL496CP Datasheet HTML 6Page - Texas Instruments TL496CP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TL496C, TL496Y
9-VOLT POWER-SUPPLY CONTROLLERS
SLVS012B – AUGUST 1978 – REVISED AUGUST 1995
4–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description
The TL496C is designed to operate from either a single-cell or two-cell battery source. To operate the device
from a single cell (1.1 V to 1.5 V), the source must be connected to both inputs 1C INPUT and 2C INPUT as
shown in Figure 1. For a two-cell operation (2.3 V to 3 V), the input is applied to 2C INPUT only and 1C INPUT
is left open (see Figure 2).
battery operation
The TL496C operates as a switching regulator from a battery input. The cycle is initiated when a low-voltage
condition is sensed by the internal feedback (the thresholds at terminals 1 and 8 are approximately 7.2 and 8.6 V
respectively). An internal latch is set and the output transistor is turned on. This causes the current in the external
inductor (L) to increase linearly until it reaches a peak value of approximately 1 A. When the peak current is
sensed, the internal latch is reset and the output transistor is turned off. The energy developed in the inductor
is then delivered to the output storage capacitor through the blocking diode. The latch remains in the off state
until the feedback signal indicates the output voltage is again deficient.
transformer-coupled operation
The TL496C operates on alternate half cycles of the ac input during transformer-coupled operation to first
sustain the output voltage and second to recharge the batteries. The TL496C performs like a series regulator
to supply charge to the output filter/storage capacitor during the first half cycle. The output voltage of the series
regulator is slightly higher than that created by the switching circuit. This maintains the feedback voltage above
the switching regulator control circuit threshold, effectively inhibiting the switching control circuitry. During the
second half cycle, an external diode (1N4001) is used to clamp the negative-going end of the transformer
secondary to ground, thus allowing the positive-going end (end connected to V+ side of battery) to pump a
charge into the standby batteries.


Similar Part No. - TL496CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL490C TI-TL490C Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL490CJ TI-TL490CJ Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL490CN TI-TL490CN Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL493 TI-TL493 Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL493CD TI-TL493CD Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL496CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Maxim Integrated Produc...
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Texas Instruments
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
   UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com