Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL496CP Datasheet(PDF) 2 Page - Texas Instruments

Part # TL496CP
Description  9-V POWER-SUPPLY CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL496CP Datasheet(HTML) 2 Page - Texas Instruments

  TL496CP Datasheet HTML 1Page - Texas Instruments TL496CP Datasheet HTML 2Page - Texas Instruments TL496CP Datasheet HTML 3Page - Texas Instruments TL496CP Datasheet HTML 4Page - Texas Instruments TL496CP Datasheet HTML 5Page - Texas Instruments TL496CP Datasheet HTML 6Page - Texas Instruments TL496CP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL496C, TL496Y
9-VOLT POWER-SUPPLY CONTROLLERS
SLVS012B – AUGUST 1978 – REVISED AUGUST 1995
4–2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TL496Y chip information
This chip, when properly assembled, displays characteristics similar to the TL496C. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax= 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
68
74
TL496Y
(2)
(6)
(1)
(3)
(4)
(7)
(5)
GND
SW
GND
T INPUT
1C INPUT
2C INPUT
FEEDBACK
(8)
OUTPUT
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)


Similar Part No. - TL496CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL490C TI-TL490C Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL490CJ TI-TL490CJ Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL490CN TI-TL490CN Datasheet
240Kb / 4P
[Old version datasheet]   10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR
TL493 TI-TL493 Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL493CD TI-TL493CD Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL496CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
[Old version datasheet]   Resonant-Mod Power Supply Controllers
TL499A TI-TL499A_15 Datasheet
544Kb / 13P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Maxim Integrated Produc...
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Texas Instruments
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
   UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
Texas Instruments
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI1-TL499A Datasheet
843Kb / 19P
[Old version datasheet]   Wide-Range Power-Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com