Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG506ACJ Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG506ACJ
Description  CMOS Analog Multiplexers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG506ACJ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button DG506ACJ Datasheet HTML 2Page - Intersil Corporation DG506ACJ Datasheet HTML 3Page - Intersil Corporation DG506ACJ Datasheet HTML 4Page - Intersil Corporation DG506ACJ Datasheet HTML 5Page - Intersil Corporation DG506ACJ Datasheet HTML 6Page - Intersil Corporation DG506ACJ Datasheet HTML 7Page - Intersil Corporation DG506ACJ Datasheet HTML 8Page - Intersil Corporation DG506ACJ Datasheet HTML 9Page - Intersil Corporation DG506ACJ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Electrical Specifications
TA = Over Operating Temperature Range, V+ = +15V, V- = -15V, GND = 0V, VEN = 2.4V,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
MIN
(NOTE 3)
TYP
MAX
DIGITAL INPUT CHARACTERISTICS
Address Input Current, Input
Voltage High, IAH
VA = 2.4V
-30
-
-
-
-
-
µA
VA = 15V
-
-
30
-
-
-
µA
Address Input Current Input
Voltage Low, IAL
VEN = 2.4V
VA = 0V
-30
-
-
-
-
-
µA
VEN = 0V
-30
-
-
-
-
-
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
(Note 7)
-15
-
+15
-
-
-
V
Drain-Source ON
Resistance, rDS(ON)
Sequence Each
Switch ON
VAL = 0.8V
VAH = 2.4V
IS = -200µA, VD = +10V
-
-
500
-
-
-
IS = -200µA, VD = -10V
-
-
500
-
-
-
Source OFF Leakage
Current, IS(OFF)
VEN = 0V
VS = +10V, VD = -10V
-
-
50
-
-
-
nA
VS = -10V, VD = +10V
-50
-
-
-
-
-
nA
Drain OFF Leakage Current,
ID(OFF)
VEN = 0V
DG506A
VS = -10V, VD = +10V
-
-
300
-
-
-
nA
VS = +10V, VD = -10V
-300
-
-
-
-
-
nA
DG507A
VS = -10V, VD = +10V
-
-
200
-
-
-
nA
VS = +10V, VD = -10V
-200
-
-
-
-
-
nA
DG508A
VS = -10V, VD = +10V
-
-
200
-
-
-
nA
VS = +10V, VD = -10V
-200
-
-
-
-
-
nA
DG509A
VS = -10V, VD = +10V
-
-
100
-
-
-
nA
VS = +10V, VD = -10V
-100
-
-
-
-
-
nA
Drain ON Leakage Current,
ID(ON)
(Note 6)
Sequence Each
Switch ON
VAL = 0.8V
VAH = 2.4V
DG506A
VD = VS(ALL) = +10V
-
-
300
-
-
-
nA
VD = VS(ALL) = -10V
-300
-
-
-
-
-
nA
DG507A
VD = VS(ALL) = +10V
-
-
200
-
-
-
nA
VD = VS(ALL) = -10V
-200
-
-
-
-
-
nA
DG508A
VD = VS(ALL) = +10V
-
-
200
-
-
-
nA
VD = VS(ALL) = -10V
-200
-
-
-
-
-
nA
DG509A
VD = VS(ALL) = +10V
-
-
100
-
-
-
nA
VD = VS(ALL) = -10V
-100
-
-
-
-
-
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
VEN = 5.0V, VA = 0V
-3.2
-
4.5
-
-
-
mA
Negative Supply Current, I-
-3.2
-
4.5
-
-
-
mA
Positive Standby Supply Current, I+
VEN = 0V, VA = 0V
-3.2
-
4.5
-
-
-
mA
Negative Standby Supply Current, I-
-3.2
-
4.5
-
-
-
mA
NOTES:
3. Typical values are for design aid only, not guaranteed and not subject to production testing.
4. The algebraic convention whereby the most negative value is a minimum, and the most positive value is a maximum, is used in this data sheet.
5. Off isolation = 20Log |VS|/|VD|, where VS = input to Off switch, and VD = output due to VS.
6. ID(ON) is leakage from driver into “ON” switch.
7. Parameter not tested. Parameter guaranteed by design or characterization.
DG506A, DG507A, DG508A, DG509A


Similar Part No. - DG506ACJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG506ACJ INTERSIL-DG506ACJ Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG506ACJ MAXIM-DG506ACJ Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG506ACJ MAXIM-DG506ACJ Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG506ACJ MAXIM-DG506ACJ Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
More results

Similar Description - DG506ACJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A Datasheet
625Kb / 17P
   CMOS Analog Multiplexers
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com