Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI530NPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFI530NPBF
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI530NPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFI530NPBF Datasheet HTML 1Page - International Rectifier IRFI530NPBF Datasheet HTML 2Page - International Rectifier IRFI530NPBF Datasheet HTML 3Page - International Rectifier IRFI530NPBF Datasheet HTML 4Page - International Rectifier IRFI530NPBF Datasheet HTML 5Page - International Rectifier IRFI530NPBF Datasheet HTML 6Page - International Rectifier IRFI530NPBF Datasheet HTML 7Page - International Rectifier IRFI530NPBF Datasheet HTML 8Page - International Rectifier IRFI530NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFI530NPbF
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.12––– V/°C Reference to 25°C, ID = 1mA†
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.11
VGS = 10V, ID = 6.6A „
VGS(th)
Gate Threshold Voltage
2.0
––– 4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
6.4
––– –––
S
VDS = 50V, ID = 9.0A†
–––
–––
25
VDS = 100V, VGS = 0V
–––
––– 250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -20V
Qg
Total Gate Charge
–––
–––
44
ID = 9.0A
Qgs
Gate-to-Source Charge
–––
––– 6.2nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
21
VGS = 10V, See Fig. 6 and 13 „†
td(on)
Turn-On Delay Time
–––
6.4 –––
VDD = 50V
tr
Rise Time
–––
27
–––
ID = 9.0A
td(off)
Turn-Off Delay Time
–––
37
–––
RG = 12Ω
tf
Fall Time
–––
25
–––
RD = 5.5Ω, See Fig. 10 „†
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
640 –––
VGS = 0V
Coss
Output Capacitance
–––
160 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
88
–––
ƒ = 1.0MHz, See Fig. 5†
C
Drain to Sink Capacitance
–––
12–––
ƒ = 1.0MHz
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) †
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 6.6A, VGS = 0V „
trr
Reverse Recovery Time
––– 130 190
ns
TJ = 25°C, IF = 9.0A
Qrr
Reverse Recovery Charge
––– 650 970
nC
di/dt = 100A/µs „†
nH
µA
nA
IDSS
Drain-to-Source Leakage Current
IGSS
ns
S
D
G
4.5
7.5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
–––
LD
Internal Drain Inductance
–––
–––
–––
pF
Source-Drain Ratings and Characteristics
A
––– –––
60
––– –––
12
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ VDD = 15V, starting TJ = 25°C, L = 3.1mH
RG = 25Ω, IAS = 9.0A. (See Figure 12)
… t=60s, ƒ=60Hz
ƒ ISD ≤ 9.0A, di/dt ≤ 520A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
† Uses IRF530N data and test conditions
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
LS
Internal Source Inductance


Similar Part No. - IRFI530NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI530NPBF IRF-IRFI530NPBF Datasheet
228Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFI530NPBF INFINEON-IRFI530NPBF Datasheet
506Kb / 9P
   Advanced Process Technology
2017-04-27
logo
International Rectifier
IRFI530NPBF IRF-IRFI530NPBF_15 Datasheet
228Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFI530NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com