Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HC123AN Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74HC123AN
Description  Dual Retriggerable Monostable Multivibrator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC123AN Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74HC123AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC123AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC123AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC123AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC123AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC123AN Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC123AN Datasheet HTML 7Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
KK74HC123A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A or B to Q
or Q (Figures 1 and 3)
2.0
4.5
6.0
255
50
45
320
65
55
385
75
65
ns
tPLH, tPHL
Maximum Propagation Delay , CLR to Q or Q
(Figures 2 and 3)
2.0
4.5
6.0
215
45
35
270
55
45
325
65
55
ns
tTLH, tTHL
Maximum Output Transition Time, Any
Output(Figures 2 and 3)
2.0
4.5
6.0
75
16
14
95
20
17
110
22
20
ns
CIN
Maximum Input Capacitance
A, B, CLR
CX, RX
-
10
25
10
25
10
25
pF
Power Dissipation Capacitance
(Per Multivibrator)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
150
pF
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
trec
Minimum Recovery Time,
Inactive to A or B
(Figure 2)
2.0
4.5
6.0
0
0
0
0
0
0
0
0
0
ns
tw
Minimum Pulse Width,
Input A or B (Figure 1)
2.0
4.5
6.0
100
20
17
125
25
20
150
30
25
ns
tw
Minimum Pulse Width,
CLR (Figure 2)
2.0
4.5
6.0
100
20
17
125
25
20
150
30
25
ns
tr, tr
Maximum Input Rise and
Fall Times, CLR
(Figure 2)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns
A or B (Figure 2)
2.0
4.5
6.0
No Limit
4


Similar Part No. - KK74HC123AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC125A KODENSHI-KK74HC125A Datasheet
213Kb / 6P
   Quad 3-State Noninverting Buffers
KK74HC125AD KODENSHI-KK74HC125AD Datasheet
213Kb / 6P
   Quad 3-State Noninverting Buffers
KK74HC125AN KODENSHI-KK74HC125AN Datasheet
213Kb / 6P
   Quad 3-State Noninverting Buffers
More results

Similar Description - KK74HC123AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com