Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC367DTG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HC367DTG4
Description  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC367DTG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC367DTG4 Datasheet HTML 1Page - Texas Instruments SN74HC367DTG4 Datasheet HTML 2Page - Texas Instruments SN74HC367DTG4 Datasheet HTML 3Page - Texas Instruments SN74HC367DTG4 Datasheet HTML 4Page - Texas Instruments SN74HC367DTG4 Datasheet HTML 5Page - Texas Instruments SN74HC367DTG4 Datasheet HTML 6Page - Texas Instruments SN74HC367DTG4 Datasheet HTML 7Page - Texas Instruments SN74HC367DTG4 Datasheet HTML 8Page - Texas Instruments SN74HC367DTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54HC367, SN74HC367
HEX BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS309D − JANUARY 1996 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC367
SN74HC367
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
50
95
145
120
tpd
A
Y
4.5 V
12
19
29
24
ns
tpd
A
Y
6 V
10
16
25
20
ns
2 V
100
190
285
238
ten
OE
Y
4.5 V
26
38
57
48
ns
ten
OE
Y
6 V
21
32
48
41
ns
2 V
50
175
265
240
tdis
OE
Y
4.5 V
21
35
53
48
ns
tdis
OE
Y
6 V
19
30
45
41
ns
2 V
28
60
90
75
tt
Any
4.5 V
8
12
18
15
ns
tt
Any
6 V
6
10
15
13
ns
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC367
SN74HC367
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
70
120
180
150
tpd
A
Y
4.5 V
17
24
36
30
ns
tpd
A
Y
6 V
14
20
31
25
ns
2 V
140
230
345
285
ten
OE
Y
4.5 V
30
46
69
57
ns
ten
OE
Y
6 V
28
39
59
48
ns
2 V
45
210
315
265
tt
Any
4.5 V
17
42
63
53
ns
tt
Any
6 V
13
36
53
45
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
No load
35
pF


Similar Part No. - SN74HC367DTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC367DT TI-SN74HC367DT Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC367DT TI-SN74HC367DT Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN74HC367DT TI-SN74HC367DT Datasheet
798Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC367DT TI1-SN74HC367DT Datasheet
806Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS
SN74HC367DTE4 TI-SN74HC367DTE4 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC367DTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI1-SN54HC365_15 Datasheet
1Mb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com