Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HC165A Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74HC165A
Description  8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC165A Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74HC165A Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC165A Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC165A Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC165A Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC165A Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC165A Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC165A Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74HC165A Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KK74HC165A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 8)
2.0
4.5
6.0
6.0
30
35
4.8
24
28
4.0
20
24
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock (or Clock
Inhibit) to QH or QH (Figures 1 and 8)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPLH, tPHL
Maximum Propagation Delay ,
SerialShift./.Parallel Load to QH or QH
(Figures 2 and 8)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tPLH, tPHL
Maximum Propagation Delay, Input H to QH or
QH (Figures 3 and 8)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 8)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Package)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
85
pF
4


Similar Part No. - KK74HC165A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC161A KODENSHI-KK74HC161A Datasheet
308Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HC161AD KODENSHI-KK74HC161AD Datasheet
308Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HC161AN KODENSHI-KK74HC161AN Datasheet
308Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HC163A KODENSHI-KK74HC163A Datasheet
302Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HC163AD KODENSHI-KK74HC163AD Datasheet
302Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC165A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166A IKSEMICON-IN74HC166A Datasheet
193Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC165 INTEGRAL-IN74HC165 Datasheet
131Kb / 7P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC166A KODENSHI-KK74HC166A Datasheet
274Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC166 INTEGRAL-IN74HC166 Datasheet
153Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC597A IKSEMICON-IN74HC597A Datasheet
200Kb / 10P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC164 INTEGRAL-IN74HC164 Datasheet
96Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register, High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC164A KODENSHI-KK74HC164A Datasheet
322Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC597A KODENSHI-KK74HC597A Datasheet
310Kb / 10P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com