Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HC253AN Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74HC253AN
Description  Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC253AN Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74HC253AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC253AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC253AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC253AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC253AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC253AN Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KK74HC253A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VOH
Minimum High-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
IOZ
Maximum Three-
State Leakage
Current
Output in High-Impedance
State
VIN= VIL or VIH
VOUT=VCC or GND
6.0
±0.5
±5.0
±10
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
6.0
8.0
80
160
µA
3


Similar Part No. - KK74HC253AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC251A KODENSHI-KK74HC251A Datasheet
240Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
KK74HC251AD KODENSHI-KK74HC251AD Datasheet
240Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
KK74HC251AN KODENSHI-KK74HC251AN Datasheet
240Kb / 6P
   8-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
KK74HC257A KODENSHI-KK74HC257A Datasheet
225Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
KK74HC257AD KODENSHI-KK74HC257AD Datasheet
225Kb / 6P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC253AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC253A IKSEMICON-IN74HC253A Datasheet
221Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Performance Silicon-Gate CMOS
IN74AC253 IKSEMICON-IN74AC253 Datasheet
235Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC253 INTEGRAL-IN74AC253 Datasheet
196Kb / 5P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT253 IKSEMICON-IN74ACT253 Datasheet
315Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC253 KODENSHI-KK74AC253 Datasheet
329Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
KK74ACT253 KODENSHI-KK74ACT253 Datasheet
326Kb / 6P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC253 SLS-SL74HC253 Datasheet
49Kb / 5P
   Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
logo
Integral Corp.
IN74ACT253 INTEGRAL-IN74ACT253 Datasheet
220Kb / 5P
   DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OTPUTS
logo
System Logic Semiconduc...
SL74HCT153 SLS-SL74HCT153 Datasheet
52Kb / 5P
   Dual 4-Input Data Selector/Multiplexer(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC153A IKSEMICON-IN74HC153A Datasheet
217Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com