Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HC651AN Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74HC651AN
Description  Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC651AN Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74HC651AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74HC651AN Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KK74HC651A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A to Output
B (or Input B to Output A)
(Figures 2,3 and 9)
2.0
4.5
6.0
180
36
31
225
45
38
270
54
46
ns
tPLH, tPHL
Maximum Propagation Delay, A-to-B Clock to
Output B (or B-to-A Clock to Output A)
(Figures 1 and 9)
2.0
4.5
6.0
240
48
41
300
60
51
360
72
61
ns
tPLH, tPHL
Maximum Propagation Delay, A-to-B Source to
Output B (or B-to-A Source to Output A)
(Figures 4 and 9)
2.0
4.5
6.0
220
44
37
275
55
47
330
66
56
ns
tPLZ, tPHZ
Maximum Propagation Delay , Direction or
Output Enable to Output A or B
(Figures 5,6 and 10)
2.0
4.5
6.0
170
34
29
215
43
37
255
51
43
ns
tPZL, tPZH
Maximum Propagation Delay , Direction or
Output Enable to Output A or B
(Figures 5,6 and 10)
2.0
4.5
6.0
180
36
31
225
45
38
270
54
46
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 2)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
COUT
Maximum Three-State I/O Capacitance
(Output in High-Impedance State
-
15
15
15
pF
Power Dissipation Capacitance (Per Channel)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
60
pF
4


Similar Part No. - KK74HC651AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC651AN KODENSHI-KK74HC651AN Datasheet
453Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC651AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC652A KODENSHI-KK74HC652A Datasheet
453Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
SL74HC652 SLS-SL74HC652 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HC651A IKSEMICON-IN74HC651A Datasheet
322Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
IN74HC652A IKSEMICON-IN74HC652A Datasheet
321Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC651 KODENSHI-KK74AC651 Datasheet
513Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74AC652 KODENSHI-KK74AC652 Datasheet
507Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74ACT652 KODENSHI-KK74ACT652 Datasheet
500Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT651 IKSEMICON-IN74ACT651 Datasheet
484Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
IN74AC651 IKSEMICON-IN74AC651 Datasheet
375Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com