Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HC4046AN Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # KK74HC4046AN
Description  Phase-Locked Loop High-Performance Silicon-Gate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC4046AN Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

Back Button KK74HC4046AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HC4046AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HC4046AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC4046AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC4046AN Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC4046AN Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74HC4046AN Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74HC4046AN Datasheet HTML 9Page - KODENSHI_AUK CORP. KK74HC4046AN Datasheet HTML 10Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KK74HC4046A
[Demodulator Section]
DC ELECTRICAL CHARACTERISTICS
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
Min
Max
Min
Max
Min
Max
RS
Resistor Range
At RS > 300 k
the Leakage
Current can
Influence
VDEMOUT
3.0
4.5
6.0
50
50
50
300
300
300
k
VOFF
Offset Voltage VCOIN
to VDEMOUT
VI = VVCOIN =
1/2 VCC; Values
taken over RS
Range
3.0
4.5
6.0
See Figure 10
mV
RD
Dynamic Output
Resistance at DEMOUT
VDEMOUT =
1/2 VCC
3.0
4.5
6.0
Typical 25
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Test Circuit
6


Similar Part No. - KK74HC4046AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC4015A KODENSHI-KK74HC4015A Datasheet
269Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
KK74HC4015AD KODENSHI-KK74HC4015AD Datasheet
269Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
KK74HC4015AN KODENSHI-KK74HC4015AN Datasheet
269Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
KK74HC4051A KODENSHI-KK74HC4051A Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4051ADW KODENSHI-KK74HC4051ADW Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC4046AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC4046A IKSEMICON-IN74HC4046A Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com