Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HC4046AD Datasheet(PDF) 8 Page - KODENSHI_AUK CORP.

Part # KK74HC4046AD
Description  Phase-Locked Loop High-Performance Silicon-Gate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HC4046AD Datasheet(HTML) 8 Page - KODENSHI_AUK CORP.

Back Button KK74HC4046AD Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HC4046AD Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HC4046AD Datasheet HTML 6Page - KODENSHI_AUK CORP. KK74HC4046AD Datasheet HTML 7Page - KODENSHI_AUK CORP. KK74HC4046AD Datasheet HTML 8Page - KODENSHI_AUK CORP. KK74HC4046AD Datasheet HTML 9Page - KODENSHI_AUK CORP. KK74HC4046AD Datasheet HTML 10Page - KODENSHI_AUK CORP. KK74HC4046AD Datasheet HTML 11Page - KODENSHI_AUK CORP. KK74HC4046AD Datasheet HTML 12Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
KK74HC4046A
Phase Comparators
All three phase comparators have two inputs,
SIGIN and COMPIN. The SIGIN and COMPIN have a
special DC bias network that enables AC coupling of
input signals. If the signals are not AC coupled, standard
IN74HC input levels are required. Both input structures
are shown in Figure 6. The outputs of these comparators
are essentially standard IN74HC outputs (comparator 2 is
TRI-STATEABLE). In normal operation VCC and ground
voltage levels are fed to the loop filter. This differs from
some phase detectors which supply a current to the loop
filter and should be considered in the design.
Figure 6. Logic Diagram for Phase Comparators
Phase Comparator 1
This comparator is a simple XOR gate similar to
the IN74HC86. Its operation is similar to an overdriven
balanced modulator. To maximize lock range the input
frequencies must have a 50% duty cycle. Typical input
and output waveforms are shown in Figure 7. The output
of the phase detector feeds the loop filter which averages
the output voltage. The frequency range upon which the
PLL will lock onto if initially out of lock is defined as the
capture range.The capture range for phase detector 1 is
dependent on the loop filter design. The capture range can
be as large as the lock range, which is equal to the VCO
frequency range.
To see how the detector operates, refer to Figure 7.
When two square wave signals are applied to this
comparator, an output waveform (whose duty cycle is
dependent on the phase difference between the two
signals) results. As the phase difference increases, the
output duty cycle increases and the voltage after the loop
filter increases. In order to achieve lock when the PLL
input frequency increases, the VCO input voltage must
increase and the phase difference between COMPIN and
SIGIN will increase. At an input frequency equal to fmin,
the VCO input is at 0 V
Figure 7. Typical Waveforms for PLL Using
Phase Comparator 1
This requires the phase detector output to be
grounded; hence, the two input signals must be in phase.
When the input frequency is fmax, the VCO input must be
VCC and the phase detector inputs must be 180 degrees
out of phase.
The XOR is more susceptible to locking onto
harmonics of the SIGIN than the digital phase detector 2.
For instance, a signal 2 times the VCO frequency results
in the same output duty cycle as a signal equal to the
VCO frequency. The difference is that the output
frequency of the 2f example is twice that of the other
example. The loop filter and VCO range should be
designed to prevent locking on to harmonics.
8


Similar Part No. - KK74HC4046AD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC4015A KODENSHI-KK74HC4015A Datasheet
269Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
KK74HC4015AD KODENSHI-KK74HC4015AD Datasheet
269Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
KK74HC4015AN KODENSHI-KK74HC4015AN Datasheet
269Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
KK74HC4051A KODENSHI-KK74HC4051A Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4051ADW KODENSHI-KK74HC4051ADW Datasheet
307Kb / 9P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HC4046AD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC4046A IKSEMICON-IN74HC4046A Datasheet
264Kb / 12P
   Phase-Locked Loop High-Performance Silicon-Gate CMOS
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com