Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HCT00AN Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74HCT00AN
Description  Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HCT00AN Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74HCT00AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HCT00AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HCT00AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HCT00AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HCT00AN Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KK74HCT00A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input Voltage
VOUT= VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low-
Level Output Voltage
VIN=VIH
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH
⎢I
OUT⎢ ≤ 4.0 mA
4.5
0.26
0.33
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
5.5
1.0
10
40
µA
∆I
CC
Additional Quiescent
Supply Current
VIN = 2.4 V, Any One Input
≥-55°C
25
°C to
125
°C
mA
VIN=VCC or GND, Other
Inputs
IOUT=0µA
5.5
2.9
2.4
3


Similar Part No. - KK74HCT00AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HCT02A KODENSHI-KK74HCT02A Datasheet
199Kb / 5P
   Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
KK74HCT02AD KODENSHI-KK74HCT02AD Datasheet
199Kb / 5P
   Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
KK74HCT02AN KODENSHI-KK74HCT02AN Datasheet
199Kb / 5P
   Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
KK74HCT04AD KODENSHI-KK74HCT04AD Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HCT00AN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT00 SLS-SL74HCT00 Datasheet
33Kb / 4P
   Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
Integral Corp.
IN74HC00A INTEGRAL-IN74HC00A Datasheet
71Kb / 4P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74HCT00A INTEGRAL-IN74HCT00A Datasheet
77Kb / 4P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74ACT00 INTEGRAL-IN74ACT00 Datasheet
102Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
IN74AC00 INTEGRAL-IN74AC00 Datasheet
101Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4011BN ETC-IW4011BN Datasheet
110Kb / 4P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT00 KODENSHI-KK74ACT00 Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK4011B KODENSHI-KK4011B Datasheet
221Kb / 5P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK74AC00 KODENSHI-KK74AC00 Datasheet
224Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com