Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HCT109AN Datasheet(PDF) 6 Page - KODENSHI_AUK CORP.

Part # KK74HCT109AN
Description  Dual J-K Flip-Flop with set and Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HCT109AN Datasheet(HTML) 6 Page - KODENSHI_AUK CORP.

  KK74HCT109AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HCT109AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HCT109AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HCT109AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HCT109AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HCT109AN Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KK74HCT109A
N SUFFIX PLASTIC DIP
(MS - 001BB)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AC)
Symbol
MIN
MAX
A
9.8
10
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
0
°
8
°
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
5.72
2.54
7.62
1.27
Dimension, mm
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
16
8
9
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
16
8
9
6


Similar Part No. - KK74HCT109AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HCT10A KODENSHI-KK74HCT10A Datasheet
195Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT10AD KODENSHI-KK74HCT10AD Datasheet
195Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT10AN KODENSHI-KK74HCT10AN Datasheet
195Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HCT109AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT109A IKSEMICON-IN74HCT109A Datasheet
231Kb / 6P
   Dual J-K Flip-Flop with set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC109A KODENSHI-KK74HC109A Datasheet
242Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
KK74HC112A KODENSHI-KK74HC112A Datasheet
245Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC112A IKSEMICON-IN74HC112A Datasheet
233Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HC109A IKSEMICON-IN74HC109A Datasheet
230Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC109 KODENSHI-KK74AC109 Datasheet
316Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC112 INTEGRAL-IN74AC112 Datasheet
179Kb / 5P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT109 KODENSHI-KK74ACT109 Datasheet
291Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC112 IKSEMICON-IN74AC112 Datasheet
223Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74ACT112 IKSEMICON-IN74ACT112 Datasheet
219Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com