Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HCT126AN Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74HCT126AN
Description  Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HCT126AN Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74HCT126AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HCT126AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HCT126AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HCT126AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HCT126AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HCT126AN Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74HCT126A
Quad 3-State Noninverting Buffers
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
KK74HCT126AN Plastic
KK74HCT126AD SOIC
TA = -55° to 125° C for all packages
The KK74HCT126A is identical in pinout to the LS/ALS126. The
KK74HCT126A may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
The KK74HCT126A noninverting buffers are designed to be used with
3-state memory address drivers, clock drivers, and other bus-oriented
systems. The devices have four separate output enables that are active-
high.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
OE
Y
H
H
H
L
H
L
X
L
Z
X = don’t care
Z = high impedance
1


Similar Part No. - KK74HCT126AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HCT125A KODENSHI-KK74HCT125A Datasheet
504Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
KK74HCT125AD KODENSHI-KK74HCT125AD Datasheet
504Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
KK74HCT125AN KODENSHI-KK74HCT125AN Datasheet
504Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HCT126AN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD5424 ETC1-AD5424 Datasheet
88Kb / 5P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT125A KODENSHI-KK74HCT125A Datasheet
504Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT125A IKSEMICON-IN74HCT125A Datasheet
199Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
IN74HCT126A IKSEMICON-IN74HCT126A Datasheet
199Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT126 SLS-SL74HCT126 Datasheet
44Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
SL74HCT125 SLS-SL74HCT125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC125A INTEGRAL-IN74HC125A Datasheet
88Kb / 5P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC125 KODENSHI-KK74AC125 Datasheet
245Kb / 5P
   Quad 3-State Noninverting Buffers High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC125 IKSEMICON-IN74AC125 Datasheet
181Kb / 5P
   Quad 3-State Noninverting Buffers High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC125 INTEGRAL-IN74AC125 Datasheet
121Kb / 4P
   Quad 3-State Noninverting Buffers High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com