Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HCT573AN Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KK74HCT573AN
Description  Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HCT573AN Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KK74HCT573AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HCT573AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HCT573AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HCT573AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HCT573AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HCT573AN Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
KK74HCT573A
Octal 3-State Noninverting
Transparent Latch
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
KK74HCT573AN Plastic
KK74HCT573ADW SOIC
TA = -55° to 125° C for all packages
The KK74HCT573A is identical in pinout to the LS/ALS573. This
device may be used as a level converter for interfacing TTL or NMOS
outputs to High-Speed CMOS inputs.
These latches appear transparent to data (i.e., the outputs change
asynchronously) when Latch Enable is high. When Latch Enable goes
low, data meeting the setup and hold time becomes latched.
The Output Enable input does not affect the state of the latches, but
when Output Enable is high, all device outputs are forced to the high-
impedance state. Thus, data may be latched even when the outputs are not
enabled.
• TTL/NMOS-Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
FUNCTION TABLE
Inputs
Output
Output
Enable
Latch
Enable
D
Q
L
H
H
H
L
H
L
L
L
L
X
no change
H
X
X
Z
X = don’t care
Z = high impedance
1


Similar Part No. - KK74HCT573AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HCT00A KODENSHI-KK74HCT00A Datasheet
466Kb / 5P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT00AD KODENSHI-KK74HCT00AD Datasheet
466Kb / 5P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT00AN KODENSHI-KK74HCT00AN Datasheet
466Kb / 5P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK74HCT02A KODENSHI-KK74HCT02A Datasheet
199Kb / 5P
   Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
KK74HCT02AD KODENSHI-KK74HCT02AD Datasheet
199Kb / 5P
   Quad 2-Input NOR Gate High-Performance Silicon-Gate CMOS
More results

Similar Description - KK74HCT573AN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT373 SLS-SL74HCT373 Datasheet
52Kb / 5P
   Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74AC573 IKSEMICON-IN74AC573 Datasheet
260Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HCT373A INTEGRAL-IN74HCT373A Datasheet
116Kb / 5P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT573 KODENSHI-KK74ACT573 Datasheet
350Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT573 IKSEMICON-IN74ACT573 Datasheet
341Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC373A INTEGRAL-IN74HC373A Datasheet
117Kb / 5P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT573A IKSEMICON-IN74HCT573A Datasheet
237Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
IN74HC373A IKSEMICON-IN74HC373A Datasheet
173Kb / 6P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT573 SLS-SL74HCT573 Datasheet
54Kb / 6P
   Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT573A INTEGRAL-IN74HCT573A Datasheet
115Kb / 5P
   Octal 3-State Noninverting Transparent Latch High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com