Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74HCU04AN Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK74HCU04AN
Description  Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74HCU04AN Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK74HCU04AN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74HCU04AN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74HCU04AN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74HCU04AN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74HCU04AN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74HCU04AN Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KK74HCU04A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
2.0
4.5
6.0
1.7
3.6
4.8
1.7
3.6
4.8
1.7
3.6
4.8
V
VIL
Maximum Low -
Level Input Voltage
2.0
4.5
6.0
0.3
0.8
1.1
0.3
0.8
1.1
0.3
0.8
1.1
V
VOH
Minimum High-
Level Output
Voltage
VIN=VIH or VIL
IOH = -20 µA
2.0
4.5
6.0
1.8
4.0
5.5
1.8
4.0
5.5
1.8
4.0
5.5
V
VIN=VIH or VIL
IOH = -4 mA
IOH = -5.2 mA
4.5
6.0
3.86
5.36
3.76
5.26
3.7
5.2
VOL
Maximum Low-
Level Output
Voltage
VIN=VIH or VIL
IOL = 20 µA
2.0
4.5
6.0
0.2
0.5
0.5
0.2
0.5
0.5
0.2
0.5
0.5
V
VIN=VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.32
0.32
0.37
0.37
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN=VCC or GND
IOUT=0 µA
6.0
2.0
20
40
µA
3


Similar Part No. - KK74HCU04AN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
   Quad 2-Input NAND Gate
KK74HC00AD KODENSHI-KK74HC00AD Datasheet
235Kb / 5P
   Quad 2-Input NAND Gate
KK74HC00AN KODENSHI-KK74HC00AN Datasheet
235Kb / 5P
   Quad 2-Input NAND Gate
KK74HC02A KODENSHI-KK74HC02A Datasheet
249Kb / 5P
   Quad 2-Input NOR Gate
KK74HC02AD KODENSHI-KK74HC02AD Datasheet
249Kb / 5P
   Quad 2-Input NOR Gate
More results

Similar Description - KK74HCU04AN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCU04 INTEGRAL-IN74HCU04 Datasheet
60Kb / 6P
   Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
Integral Corp.
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com