Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74LV04 Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74LV04
Description  Hex Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV04 Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74LV04 Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV04 Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV04 Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV04 Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV04 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK74LV04
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, tLH = tHL = 6.0 ns, VIL=0V, VIH=VCC, RL=1 kΩ)
Guaranteed Limit
25
°C
-40
°C ÷ 85°C
-40
°C ÷ 125°C
Symbol
Parameter
VCC
V
min
max
min
max
min
max
Unit
tTHL, (tTLH)
Output Transition
Time, Any Output
(Figure 1)
1.2
2.0
*
-
-
70
16
10
-
-
-
85
20
13
-
-
-
100
24
15
ns
tPHL, (tPLH)
Propagation Delay,
Input A to Output Y
(Figure 1)
1.2
2.0
*
-
-
-
90
23
14
-
-
-
120
28
18
-
-
-
150
34
21
CI
Input Capacitance
3.0
-
-
-
3.5
-
3.5
pF
ТА=25°С, VI=0V÷VCC
CPD
Power Dissipation Capacitance (Per
Inverter)
42
pF
Used to determine the no-load dynamic power consumption:
PD = CPDVCC
2fI+ ∑(CLVCC2fo), fI - input frequency, fo - output frequency (MHz)
∑(CLVCC
2fo) – sum of the outputs
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
V
1
t
PHL
t
HL
t
THL
t
PLH
t
LH
t
TLH
V
1
V = 0.5 V
1
CC
Input А
Output Y
GND
GND
V
CC
V
CC
V
1
V
1
Figure 1. Switching Waveforms
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
CC
V
I
V
O
C
L
R
L
R
T
Termination resistance RT – should
be equal to ZOUT of pulse generators
Figure 2. Test Circuit
4


Similar Part No. - KK74LV04

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV00 KODENSHI-KK74LV00 Datasheet
297Kb / 5P
   Quad 2-Input NAND Gate
KK74LV00D KODENSHI-KK74LV00D Datasheet
297Kb / 5P
   Quad 2-Input NAND Gate
KK74LV00N KODENSHI-KK74LV00N Datasheet
297Kb / 5P
   Quad 2-Input NAND Gate
KK74LV02 KODENSHI-KK74LV02 Datasheet
271Kb / 5P
   Quad 2-Input NOR Gate
KK74LV02D KODENSHI-KK74LV02D Datasheet
271Kb / 5P
   Quad 2-Input NOR Gate
More results

Similar Description - KK74LV04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com