Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74LV139N Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK74LV139N
Description  Dual 2-to-4 line decoder/demultiplexer; inverting
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV139N Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK74LV139N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV139N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV139N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV139N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV139N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74LV139N Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KK74LV139
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, tLH = tHL = 2.5 nc, VIL=0B, VIH=VCC)
Symbol
Parameter
VCC
Guaranteed Limit
Unit
V
25
°C
от -40
°C to
85
°C
от -40
°C to
125
°C
min
max
min
max
min
max
tPLH, tPHL Propagation delay,
input A to output Y
(Figures 1)
1.2
2.0
2.7
3.0
4.5
-
140
27
20
16
13
-
140
31
23
18
15
-
140
39
29
23
19
ns
tPLH, tPHL Propagation delay , E
to output Y
(Figures 2)
1.2
2.0
2.7
3.0
4.5
-
120
22
16
13
10
-
120
27
20
16
13
-
120
34
25
20
16
ns
CI
Input capacitance
5.0
Т=+25 оС
7.0
pF
Power dissipation capacitance (per enabled
output)
Typical @25
°C,VCC=5.5 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+ICCVCC
84
pF
∗ - Power dissipation capacitance per multiplexer
INPUT
A
GND
OUTPUT
Y
t
PHL
t
PLH
Vcc
90%
90%
50%
10%
10%
50%
t
r
t
f
INPUT
E
GND
OUTPUT
Y
t
PHL
t
PLH
Vcc
90%
90%
50%
10%
10%
50%
t
r
t
f
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4


Similar Part No. - KK74LV139N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138D KODENSHI-KK74LV138D Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138N KODENSHI-KK74LV138N Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
More results

Similar Description - KK74LV139N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV139 INTEGRAL-IN74LV139 Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com