Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74LV164N Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # KK74LV164N
Description  8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV164N Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  KK74LV164N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV164N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV164N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV164N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV164N Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74LV164N Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KK74LV164
GND
90%
VM
(1)
VM
(1)
VM
(1)
VM
(1)
VM
(1)
V1
(2)
VOH
VOH
V1
(2)
V1
(2)
10%
tt
tt
f
r
PLH
PHL
tw
1/fmax
CP
Q
MR
Q
tPHL
GND
GND
t rec
CP
tw
VOL
VOL
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
DEVICE
UNDER
TEST
OUTPUT
CL
*
RL
TEST POINT
V
M
(1)
VM
(1)
t
GND
GND
tsu
h
VALID
DSA or DSB
CP
V1
(2)
V1
(2)
* Includes all probe and jig capacitance
Figure 3. Switching Waveforms
Figure 4. Test Circuit
Note:
(1) V
M = 1.5 V at VCC = 2.7 V
VM = 0.5 ⋅VCC at VCC =1.2 V, 2.0 V, 3.0 V, 4.5 V
(2) V
1 = VCC at VCC =1.2 V, 2.0 V, 2.7 V, 4.5 V
V1 = 2.7 V at VCC = 3.0 V
TIMING DIAGRAM
CP
DSA
DSB
MR
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
5


Similar Part No. - KK74LV164N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138D KODENSHI-KK74LV138D Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV138N KODENSHI-KK74LV138N Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
KK74LV139 KODENSHI-KK74LV139 Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
KK74LV139D KODENSHI-KK74LV139D Datasheet
387Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
More results

Similar Description - KK74LV164N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com