Electronic Components Datasheet Search |
|
KK74LV174 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP. |
|
KK74LV174 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP. |
2 / 6 page KK74LV174 MAXIMUM RATINGS * Symbol Parameter Value Unit VCC DC supply voltage -0.5 to +5.0 V IIK * 1 Input diode current ±20 mA IOK * 2 Output diode current ±50 mA IO * 3 Output source or sink current ±25 mA ICC VCC current ±50 mA IGND GND current ±50 mA PD Power dissipation per package: *4 Plastic DIP SO 750 500 mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature, 1.5 mm (Plastic DIP Package), 0.3 mm (SO Package) from Case for 4 Seconds 260 °C *Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. *1 VI < -0.5 V or VI > VCC + 0.5 V *2 VO < -0.5 V or VO > VCC + 0.5 V *3 -0.5 V < VO < VCC + 0.5 V *4 Derating - Plastic DIP: - 12 mW/ °C from 70° to 125°C SO Package: : - 8 mW/ °C from 70° to 125°C RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC DC Supply Voltage 1.2 5.5 V VIN DC Input Voltage 0 VCC V VOUT DC Output Voltage 0 VCC V TA Operating Temperature, All Package Types -40 +125 °C tr, tf Input Rise and Fall Time (Figure 1) 1.0 В ≤VCC <2.0 В 2.0 В ≤VCC <2.7 В 2.7 В ≤VCC <3.6 В 3.6 В ≤VCC ≤5.5 В 0 0 0 0 500 200 100 50 ns/V This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or VOUT)≤VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. 2 |
Similar Part No. - KK74LV174 |
|
Similar Description - KK74LV174 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |