Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20KD-SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4BC20KD-SPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULRTAFAST SOFR RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20KD-SPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG4BC20KD-SPBF Datasheet HTML 1Page - International Rectifier IRG4BC20KD-SPBF Datasheet HTML 2Page - International Rectifier IRG4BC20KD-SPBF Datasheet HTML 3Page - International Rectifier IRG4BC20KD-SPBF Datasheet HTML 4Page - International Rectifier IRG4BC20KD-SPBF Datasheet HTML 5Page - International Rectifier IRG4BC20KD-SPBF Datasheet HTML 6Page - International Rectifier IRG4BC20KD-SPBF Datasheet HTML 7Page - International Rectifier IRG4BC20KD-SPBF Datasheet HTML 8Page - International Rectifier IRG4BC20KD-SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IRG4BC20KD-SPbF
0
10
20
30
40
50
0.5
0.6
0.7
0.8
R , Gate Resistance (Ohm)
G
V
= 480V
V
= 15V
T
= 25 C
I
= 9.0A
CC
GE
J
C
°
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
0
10
20
30
40
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
V
= 400V
I
= 9.0A
CC
C
1
10
100
0
200
400
600
800
V
, Collector-to-Emitter Voltage (V)
CE
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc
Cies
Coes
Cres
RG , Gate Resistance ( Ω )
-60 -40 -20
0
20 40 60 80 100 120 140 160
0.1
1
10
T , Junction Temperature ( C )
J
°
R
= Ohm
V
= 15V
V
= 480V
G
GE
CC
I =
A
18
C
I =
A
9
C
I =
A
4.5
C
50
9.0A


Similar Part No. - IRG4BC20KD-SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20KD-S IRF-IRG4BC20KD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
More results

Similar Description - IRG4BC20KD-SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30KD-SPBF IRF-IRG4BC30KD-SPBF_15 Datasheet
376Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
IRG4BC10UDPBF IRF-IRG4BC10UDPBF Datasheet
323Kb / 11P
   INSULATED GATE BIPOLAR TRANSISROT WITH ULTRAFAST SOFR RECOVERY DIODE UltraFast CoPack IGBT
IRG4BC20FDPBF IRF-IRG4BC20FDPBF Datasheet
318Kb / 11P
   INSULATED GATEBIPOLAR TRANSISTOR WITH ULTRAFAST SOFR RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com