Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC125MTCXNL Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHC125MTCXNL
Description  Quad Buffer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC125MTCXNL Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC125MTCXNL Datasheet HTML 1Page - Fairchild Semiconductor 74VHC125MTCXNL Datasheet HTML 2Page - Fairchild Semiconductor 74VHC125MTCXNL Datasheet HTML 3Page - Fairchild Semiconductor 74VHC125MTCXNL Datasheet HTML 4Page - Fairchild Semiconductor 74VHC125MTCXNL Datasheet HTML 5Page - Fairchild Semiconductor 74VHC125MTCXNL Datasheet HTML 6Page - Fairchild Semiconductor 74VHC125MTCXNL Datasheet HTML 7Page - Fairchild Semiconductor 74VHC125MTCXNL Datasheet HTML 8Page - Fairchild Semiconductor 74VHC125MTCXNL Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC125 Rev. 1.4.0
5
AC Electrical Characteristics
Notes:
3. Parameter guaranteed by design. tOSLH = |tPLHmax – tPLHmin|; tOSHL = |tPHLmax – tPHLmin|.
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (Opr.) = CPD • VCC • fIN + ICC / 4 (per bit).
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay
Time
3.3 ± 0.3
CL = 15pF
5.6
8.0
1.0
9.5
ns
CL = 50pF
8.1
11.5
1.0
13.0
5.0 ± 0.5
CL = 15pF
3.8
5.5
1.0
6.5
ns
CL = 50pF
5.3
7.5
1.0
8.5
tPZL, tPZH
3-STATE Output
Enable Time
3.3 ± 0.3
RL = 1kΩ CL = 15pF
5.4
8.0
1.0
9.5
ns
CL = 50pF
7.9
11.5
1.0
13.0
5.0 ± 0.5
CL = 15pF
3.6
5.1
1.0
6.0
ns
CL = 50pF
5.1
7.1
1.0
8.0
tPLZ, tPHZ
3-STATE Output
Disable Time
3.3 ± 0.3
RL = 1kΩ CL = 50pF
9.5
13.2
1.0
15.0
ns
5.0 ± 0.5
CL = 50pF
6.1
8.8
1.0
10.0
tOSLH, tOSHL Output to Output
Skew
3.3 ± 0.3
(3)
CL = 50pF
1.5
1.5
ns
5.0 ± 0.5
CL = 50pF
1.0
1.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
COUT
Output Capacitance
VCC = 5.0V
6
pF
CPD
Power Dissipation
Capacitance
(4)
14
pF


Similar Part No. - 74VHC125MTCXNL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125MTCX FAIRCHILD-74VHC125MTCX Datasheet
77Kb / 8P
   Quad Buffer with 3-STATE Outputs
74VHC125MTCX_NL FAIRCHILD-74VHC125MTCX_NL Datasheet
77Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74VHC125MTCXNL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com