Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST8-8C Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST8-8C
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8C Datasheet(HTML) 3 Page - STMicroelectronics

  ACST8-8C Datasheet HTML 1Page - STMicroelectronics ACST8-8C Datasheet HTML 2Page - STMicroelectronics ACST8-8C Datasheet HTML 3Page - STMicroelectronics ACST8-8C Datasheet HTML 4Page - STMicroelectronics ACST8-8C Datasheet HTML 5Page - STMicroelectronics ACST8-8C Datasheet HTML 6Page - STMicroelectronics ACST8-8C Datasheet HTML 7Page - STMicroelectronics ACST8-8C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACST8-8C
3/8
Symbol
Test conditions
Values
Unit
IGT
VOUT = 12V (DC)
RL =33
Tj = 25°C
MAX.
30
mA
VGT
VOUT = 12V (DC)
RL =33
Tj = 25°C
MAX.
1.5
V
VGD
VOUT =VDRM
RL = 3.3k
Tj =125°C
MIN.
0.2
V
IH
IOUT = 100mA Gate open
Tj = 25°C
MAX.
40
mA
IL
IG = 20mA
Tj = 25°C
MAX.
70
mA
VTM
IOUT = 11A
tp = 380µs
Tj = 25°C
MAX.
1.5
V
VTO
Tj = 125°C
MAX.
0.95
V
RD
Tj = 125°C
MAX.
50
m
IDRM
IRRM
VOUT =VDRM
VOUT =VRRM
Tj = 25°C
MAX.
10
µA
Tj = 125°C
MAX.
1
mA
dV/dt
VOUT = 550V
gate open
Tj = 125°C
MIN.
750
V/
µs
(dI/dt)c
Without snubber
Tj = 125°C
MIN.
4.5
A/ms
VCL
ICL = 1mA
tp = 1ms
Tj = 25°C
TYP.
1200
V
ELECTRICAL CHARACTERISTICS PER SWITCH
For either positive or negative polary of pin OUT voltage respect to pin COM voltage
The ACST8-8C device is especially designed to drive medium power induction motors in washing ma-
chines, refrigerators, dish washers, and tumble dryers.
Pin COM
: Common drive reference, to be connected to the power line neutral
Pin G
: Switch Gate input to be connected to the controller
Pin OUT
: Switch Output to be connected to the load
When driven from a low voltage controller, the ACST switch is triggered with a negative gate current flow-
ing out of the gate pin G. It can be driven by the controller through a resistor as shown on the typical appli-
cation diagram. In appliance systems, the ACST8-8C switch intends to drive medium power load in ON /
OFF full cycle or phase angle control mode.
Thanks to its thermal and turn-off commutation characteristics, the ACST8-8C switch is able to drive
an inductive load up to 8A without a turn-off aid snubber circuit.
In washing machine or drier appliances, the tumble rotates in both directions. When using bidirectional
phase shift induction motor, two switches are connected on each side of the phase shift capacitor: in
steady-state operation, one switch only conducts energising the coils and defining the tumble direction.
AC LINE SWITCH BASIC APPLICATION


Similar Part No. - ACST8-8C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8-8CFP STMICROELECTRONICS-ACST8-8CFP Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8-8CG STMICROELECTRONICS-ACST8-8CG Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8-8CG-TR STMICROELECTRONICS-ACST8-8CG-TR Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8-8CT STMICROELECTRONICS-ACST8-8CT Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
More results

Similar Description - ACST8-8C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
   Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
   Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com