Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST8-8CFP Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACST8-8CFP
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8CFP Datasheet(HTML) 6 Page - STMicroelectronics

  ACST8-8CFP Datasheet HTML 1Page - STMicroelectronics ACST8-8CFP Datasheet HTML 2Page - STMicroelectronics ACST8-8CFP Datasheet HTML 3Page - STMicroelectronics ACST8-8CFP Datasheet HTML 4Page - STMicroelectronics ACST8-8CFP Datasheet HTML 5Page - STMicroelectronics ACST8-8CFP Datasheet HTML 6Page - STMicroelectronics ACST8-8CFP Datasheet HTML 7Page - STMicroelectronics ACST8-8CFP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACST8-8C
6/8
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
Tamb(°C)
α=180°
Printed circuit board FR4
Natural convection
IT(RMS)(A)
Fig. 2-2: RMS on-state current versus ambient
temperature.
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Zth(j-a)
Zth(j-c)
K = [Zth/Rth]
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
1
10
100
01
234
56
VTM(V)
Tj=25°C
Tj=125°C
Tj max. :
Vto = 0.95 V
Rd = 50 m
Iout(A)
Fig. 4: On-state characteristics (maximum val-
ues).
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
Number of cycles
Non repetitive
Tj initial=25°C
Repetitive
Tc=90°C
t=20ms
ITSM(A)
Fig. 5: Surge peak on-state current versus number
of cycles.
10
100
1000
0.01
0.10
1.00
10.00
tp(ms)
Tj initial=25°C
dI/dt limitation:
100A/µs
ITSM
I²t
ITSM(A), I t(A s)
22
Fig. 6: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms, and
corresponding value of I
2t.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -30 -20 -10
0
10
20 30
40
50
60 70
80
90 100 110 120 130
Tj(°C)
IGT & IH
IL
IGT, IH, IL[Tj]/IGT, IH, IL[Tj=25°C]
Fig. 7: Relative variation of gate trigger current,
holding current and latching current versus junc-
tion temperature (typical values).


Similar Part No. - ACST8-8CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST8-8CFP STMICROELECTRONICS-ACST8-8CFP Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
More results

Similar Description - ACST8-8CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
   Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_14 Datasheet
63Kb / 4P
   Over Voltage Protected High Side Switch
June, 2014 ??Rev. 8
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
   Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
logo
STMicroelectronics
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com