Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK74LV245DW Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74LV245DW
Description  OCTAL BUS TRANSCEIVER; 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV245DW Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74LV245DW Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV245DW Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV245DW Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV245DW Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV245DW Datasheet HTML 5Page - KODENSHI_AUK CORP. KK74LV245DW Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KK74LV245
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
-0.5 to +5.0
V
IIK *
1
DC Input diode current
±20
mA
IOK *
2
DC Output diode current
±50
mA
IO *
3
DC Output source or sink current
±35
mA
ICC
DC VCC current
±70
mA
IGND
DC GND current
±70
mA
PD
Power dissipation per package: *4
Plastic DIP
SO
750
500
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1.5 mm (Plastic DIP Package), 0.3 mm
(SO Package) from Case for 4 Seconds
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
*1 VI < -0.5 V or VI > VCC + 0.5 V.
*2 VO < -0.5 V or VO > VCC + 0.5 V.
*3 -0.5 V < VO < VCC + 0.5 V.
*4 Derating - Plastic DIP: - 12 mW/
°C from 70° to 125°C
SO Package: : - 8 mW/
°C from 70° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.2
3.6
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tr, tf
Input Rise and Fall Time (Figure 1)
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
0
0
0
1000
700
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74LV245DW

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV24 KODENSHI-KK74LV24 Datasheet
270Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV240 KODENSHI-KK74LV240 Datasheet
290Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV240DW KODENSHI-KK74LV240DW Datasheet
290Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV240N KODENSHI-KK74LV240N Datasheet
290Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
KK74LV241 KODENSHI-KK74LV241 Datasheet
271Kb / 5P
   OCTAL BUFFER/LINE DRIVE; 3-STATE
More results

Similar Description - KK74LV245DW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com