Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC20UPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4BC20UPBF
Description  UltraFast Speed IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20UPBF Datasheet(HTML) 6 Page - International Rectifier

  IRG4BC20UPBF Datasheet HTML 1Page - International Rectifier IRG4BC20UPBF Datasheet HTML 2Page - International Rectifier IRG4BC20UPBF Datasheet HTML 3Page - International Rectifier IRG4BC20UPBF Datasheet HTML 4Page - International Rectifier IRG4BC20UPBF Datasheet HTML 5Page - International Rectifier IRG4BC20UPBF Datasheet HTML 6Page - International Rectifier IRG4BC20UPBF Datasheet HTML 7Page - International Rectifier IRG4BC20UPBF Datasheet HTML 8Page - International Rectifier IRG4BC20UPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRG4BC20UPbF
6
www.irf.com
Fig. 12 - Turn-Off SOA
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
0.0
0.2
0.4
0.6
0.8
1.0
02468
10
12
14
C
I , Collector-to-Emitter Current (A)
A
R
= 50 Ω
T
= 150°C
V
= 480V
V
= 15V
G
J
CC
GE
0.1
1
10
100
1000
1
10
100
1000
CE
GE
V
, Collector-to-Emitter Voltage (V)
SAFE OPERATING AREA
V
= 20V
T
= 125°C
GE
J


Similar Part No. - IRG4BC20UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20UPBF IRF-IRG4BC20UPBF Datasheet
357Kb / 8P
   ULTRA FAST SPEED IGBT
IRG4BC20UPBF IRF-IRG4BC20UPBF_15 Datasheet
357Kb / 8P
   ULTRA FAST SPEED IGBT
More results

Similar Description - IRG4BC20UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30UPBF IRF-IRG4BC30UPBF Datasheet
587Kb / 8P
   UltraFast Speed IGBT
50MT060ULSA IRF-50MT060ULSA Datasheet
220Kb / 10P
   Ultrafast Speed IGBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4BC40UPBF IRF-IRG4BC40UPBF Datasheet
226Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-PPBF IRF-IRG4PC60U-PPBF Datasheet
235Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC60U-P IRF-IRG4PC60U-P Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC30UPBF IRF-IRG4PC30UPBF Datasheet
273Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC50UPBF IRF-IRG4PC50UPBF Datasheet
640Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
IRG4PC40UPBF IRF-IRG4PC40UPBF Datasheet
633Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
logo
Vishay Siliconix
50MT060ULSTAPBF VISHAY-50MT060ULSTAPBF Datasheet
230Kb / 10P
   Low Side Chopper IGBT MTP (Ultrafast Speed IGBT), 100 A
50MT060ULSTAPBF
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com