Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGR3B60KD2PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGR3B60KD2PBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGR3B60KD2PBF Datasheet(HTML) 2 Page - International Rectifier

  IRGR3B60KD2PBF Datasheet HTML 1Page - International Rectifier IRGR3B60KD2PBF Datasheet HTML 2Page - International Rectifier IRGR3B60KD2PBF Datasheet HTML 3Page - International Rectifier IRGR3B60KD2PBF Datasheet HTML 4Page - International Rectifier IRGR3B60KD2PBF Datasheet HTML 5Page - International Rectifier IRGR3B60KD2PBF Datasheet HTML 6Page - International Rectifier IRGR3B60KD2PBF Datasheet HTML 7Page - International Rectifier IRGR3B60KD2PBF Datasheet HTML 8Page - International Rectifier IRGR3B60KD2PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IRGR3B60KD2PbF
2
www.irf.com
 V
CC = 80% (VCES), VGE = 15V, L = 100µH, RG = 100Ω.
‚ When mounted on 1" square PCB (FR-4 or G-10 Material ) . For recommended
footprint and soldering techniques refer to application note #AN-994.
ƒ Energy losses include "tail" and diode reverse recovery.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Ref.Fig.
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
——V
VGE = 0V, IC = 500µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage —0.32
V/°C VGE = 0V, IC = 1mA (25°C-150°C)
VCE(on)
Collector-to-Emitter Voltage
1.9
2.4
IC = 3.0A, VGE = 15V
5,6,7
—2.2
2.6
V
IC = 3.0A, VGE = 15V, TJ = 150°C
9,10,11
VGE(th)
Gate Threshold Voltage
3.5
4.5
5.5
VCE = VGE, IC = 250µA
9,10,11
∆VGE(th)/∆TJ
Threshold Voltage temp. coefficient
-8.5
mV/°C VCE = VGE, IC = 1mA (25°C-150°C)
12
gfe
Forward Transconductance
1.9
S
VCE = 50V, IC = 3.0A, PW = 80µs
ICES
Zero Gate Voltage Collector Current
1.0
150
µA VGE = 0V, VCE = 600V
200
500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
1.5
1.8
V
IF = 3.0A, VGE = 0V
8
—1.5
1.8
IF = 3.0A, VGE = 0V, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA VGE = ±20V, VCE = 0V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Ref.Fig.
Qg
Total Gate Charge (turn-on)
13
20
IC = 3.0A
23
Qge
Gate-to-Emitter Charge (turn-on)
1.5
2.3
nC VCC = 400V
CT1
Qgc
Gate-to-Collector Charge (turn-on)
6.6
9.9
VGE = 15V
Eon
Turn-On Switching Loss
62
75
IC = 3.0A, VCC = 400V
CT4
Eoff
Turn-Off Switching Loss
39
50
µJ VGE = 15V, RG = 100Ω, L = 2.5mH
Etot
Total Switching Loss
100
120
TJ = 25°C
e
td(on)
Turn-On delay time
18
22
IC = 3.0A, VCC = 400V
tr
Rise time
15
21
ns VGE = 15V, RG = 100Ω, L = 2.5mH
CT4
td(off)
Turn-Off delay time
110
120
TJ = 25°C
tf
Fall time
68
80
Eon
Turn-On Switching Loss
91
100
IC = 3.0A, VCC = 400V
CT4
Eoff
Turn-Off Switching Loss
98
140
µJ VGE = 15V, RG = 100Ω, L = 2.5mH
13,15
Etot
Total Switching Loss
190
230
TJ = 150°C e
WF1,WF2
td(on)
Turn-On delay time
18
22
IC = 3.0A, VCC = 400V
14,16
tr
Rise time
17
22
ns VGE = 15V, RG = 100Ω, L = 2.5mH
CT4
td(off)
Turn-Off delay time
120
140
TJ = 150°C
WF1
tf
Fall time
91
105
WF2
Cies
Input Capacitance
190
VGE = 0V
Coes
Output Capacitance
23
pF VCC = 30V
22
Cres
Reverse Transfer Capacitance
6.6
f = 1.0MHz
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
TJ = 150°C, IC = 15.6A, Vp = 600V
4
VCC=500V,VGE=+15V to 0V,RG = 100Ω
CT2
SCSOA
Short Circuit Safe Operating Area
10
µs TJ = 150°C, Vp = 600V, RG = 100Ω
CT3
VCC=360V,VGE = +15V to 0V
WF4
Erec
Reverse Recovery Energy of the Diode
38
44
µJ TJ = 150°C
17,18,19
trr
Diode Reverse Recovery Time
77
84
ns VCC = 400V, IF = 3.0A, L = 2.5mH
20,21
Irr
Diode Peak Reverse Recovery Current
4.8
5.3
A
VGE = 15V, RG = 100Ω
CT4,WF3


Similar Part No. - IRGR3B60KD2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
318Kb / 14P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
318Kb / 14P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF Datasheet
318Kb / 14P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2PBF IRF-IRGR3B60KD2PBF_15 Datasheet
318Kb / 14P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGR3B60KD2PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com