Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4888ETI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4888ETI
Description  2.5Gbps PCI Express Passive Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4888ETI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4888ETI Datasheet HTML 1Page - Maxim Integrated Products MAX4888ETI Datasheet HTML 2Page - Maxim Integrated Products MAX4888ETI Datasheet HTML 3Page - Maxim Integrated Products MAX4888ETI Datasheet HTML 4Page - Maxim Integrated Products MAX4888ETI Datasheet HTML 5Page - Maxim Integrated Products MAX4888ETI Datasheet HTML 6Page - Maxim Integrated Products MAX4888ETI Datasheet HTML 7Page - Maxim Integrated Products MAX4888ETI Datasheet HTML 8Page - Maxim Integrated Products MAX4888ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2.5Gbps PCI Express Passive Switches
_______________________________________________________________________________________
3
Note 2: All units are 100% production tested at TA = +85°C. Limits over the operating temperature range are guaranteed by design
and characterization and are not production tested.
Note 3:
ΔRON = RON (MAX) - RON (MIN).
Note 4: Guaranteed by design. Not production tested.
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC
Turn-On Time
tON
VNO_ or VNC_ = 1.0V, RL = 50
Ω, Figure 1
90
250
ns
Turn-Off Time
tOFF
VNO_ or VNC_ = 1.0V, RL = 50
Ω, Figure 1
10
50
ns
Propagation Delay
tPD
RS = RL = 50
Ω, unbalanced, Figure 2
50
ps
Output Skew Between Pairs
tSK1
RS = RL = 50
Ω, unbalanced; skew between
any two pairs, Figure 2
50
ps
Output Skew Between Same
Pair
tSK2
RS = RL = 50
Ω, unbalanced; skew between
two lines on same pair, Figure 2
10
ps
1MHz < f < 100MHz
-0.5
On-Loss
GLOS
RS = RL = 50
Ω,
unbalanced,
Figure 3
500MHz < f < 1.25GHz-1.4
dB
f = 50MHz
-53
Crosstalk
VCT1
Crosstalk between
any two pairs,
RS = RL = 50
Ω,
unbalanced,
Figure 3
f = 1.25GHz
-32
dB
Signaling Data Rate
BR
RS = RL = 50
Ω
3.0
Gbps
f = 10MHz
-56
Off-Isolation
VISO
Signal = 0dBm,
RS = RL = 50
Ω,
Figure 3
f = 1.25GHz
-26
dB
NO_/NC_ Off-Capacitance
CNO_/NC_(OFF) Figure 4
1
pF
COM_ On-Capacitance
CCOM_(ON)
Figure 4
2
pF
LOGIC INPUT
Input-Logic Low
VIL
0.5
V
Input-Logic High
VIH
1.4
V
Input-Logic Hysteresis
VHYST
100
mV
Input Leakage Current
IIN
VSEL = 0V or V+
-1
+1
µA
POWER SUPPLY
Power-Supply Range
V+
1.65
3.60
V
MAX4888
60
V+ Supply Current
I+
VSEL = 0V or V+
MAX4889
120
µA
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 3.0V to 3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at V+ = 3.3V, TA = +25°C.) (Note 2)


Similar Part No. - MAX4888ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4888A MAXIM-MAX4888A Datasheet
192Kb / 14P
   5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
MAX4888AETI++ MAXIM-MAX4888AETI+ Datasheet
192Kb / 14P
   5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
MAX4888B MAXIM-MAX4888B Datasheet
1Mb / 10P
   Superior Bandwidth Return Loss
Rev 0; 12/10
MAX4888C MAXIM-MAX4888C Datasheet
1Mb / 10P
   Superior Bandwidth Return Loss
Rev 0; 12/10
More results

Similar Description - MAX4888ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4888A MAXIM-MAX4888A Datasheet
192Kb / 14P
   5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
logo
Pericom Semiconductor C...
PI2EQX4402 PERICOM-PI2EQX4402 Datasheet
416Kb / 7P
   2.5Gbps x2 Lane Serial PCI Express Repeater/Equalizer
logo
AVAGO TECHNOLOGIES LIMI...
PEX9797 AVAGO-PEX9797 Datasheet
471Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric
logo
Pericom Semiconductor C...
PI2EQX4401 PERICOM-PI2EQX4401 Datasheet
343Kb / 7P
   2.5Gbps x1 Lane Serial PCI Express Repeater/Equalizer with Clock Buffer
logo
AVAGO TECHNOLOGIES LIMI...
PEX9700 AVAGO-PEX9700 Datasheet
471Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric Technology
logo
Broadcom Corporation.
PEX9700 BOARDCOM-PEX9700 Datasheet
214Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric짰 Technology
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
   PCI Express
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
   PCI Express to PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com