Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP58C20 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP58C20
Description  AUDIO-BAND CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP58C20 Datasheet(HTML) 1 Page - Texas Instruments

  MSP58C20 Datasheet HTML 1Page - Texas Instruments MSP58C20 Datasheet HTML 2Page - Texas Instruments MSP58C20 Datasheet HTML 3Page - Texas Instruments MSP58C20 Datasheet HTML 4Page - Texas Instruments MSP58C20 Datasheet HTML 5Page - Texas Instruments MSP58C20 Datasheet HTML 6Page - Texas Instruments MSP58C20 Datasheet HTML 7Page - Texas Instruments MSP58C20 Datasheet HTML 8Page - Texas Instruments MSP58C20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MSP58C20
AUDIO-BAND CONVERTER
SPSS015B – DECEMBER 1993 – REVISED JULY 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Analog Portion of ADC and DAC for
Audio-Band Signal-Processing
Applications
D 5-V Supply Voltage
D Oversampling Second-Order Sigma-Delta
Modulator
D 1.024-MHz Master Clock Frequency
D On-Chip Continuous-Time Antialiasing and
Smoothing Filters
D High-Performance Fully Differential and
Symmetrical Analog Data Paths
D Internal Reference Voltage and
Common-Mode Bias Voltage Generation
D Very Low Power Consumption Mode
description
The MSP58C20 is the analog portion of an audio-band sigma-delta analog-to-digital and digital-to-analog
converter and is a companion part to the MSP58C80. The MSP58C20 is designed to operate only with the
MSP58C80, which contains the digital portion of the audio-band converter. The circuit consists of three main
blocks: the analog-to-digital converter (ADC), the digital-to-analog converter (DAC), and internal reference and
bias voltages.
The analog-to-digital conversion chain consists of a continuous-time antialiasing stage, an analog oversampled
modulator, and the modulator bias voltage. The antialiasing stage is a second-order low-pass filter with a cutoff
frequency of typically 190 kHz. The modulator is a sigma-delta feedback loop, which oversamples the signal
at 1.024 MHz and provides second-order noise shaping. It performs the conversion of the differential analog
input signal to a pulse-density-modulated single-bit digital output (ADOUT). When a maximum positive
differential input voltage (i.e., a maximum positive voltage difference of AIP – AIM) is applied at the AIP and AIM
inputs, the resulting code at the ADOUT output is all ones.
The digital-to-analog conversion chain consists of a fast DAC, an analog low-pass filter, and the filter’s bias
voltage. The two input bits (DIGS and DIGL), sampled at 0.512 MHz from a digital modulator on the MSP58C80,
are the inputs of the DAC conversion chain. Based on the values for DIGS (the sign bit) and DIGL (the level bit),
the following table shows the DAC voltage steps that are produced.
DIGS
DIGL
DAC VOLTAGE STEPS
L
L
–1
× Vref
L
H
–2
× Vref
H
L
+1
× Vref
H
H
+2
× Vref
When DIGS = L, the AOM analog output has a more positive voltage than AOP. When DIGL = H, the absolute
value of the voltage difference between AOP and AOM is greater than when DIGL = L. A band-gap voltage
source is used to produce the DAC and ADC reference voltages. These two references are different to avoid
crosstalk between the two converters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VSUB
NC
VSS
AIP
AIM
PWAD
PWDA
ADOUT
NC
NC
NC
NC
AOP
AOM
DIGS
DIGL
ADCLK
VDD
NC
NC
DW PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - MSP58C20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP58C20 TI1-MSP58C20 Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
MSP58C20DW TI1-MSP58C20DW Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
MSP58C20DWR TI1-MSP58C20DWR Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
MSP58C20S1DW TI1-MSP58C20S1DW Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
MSP58C20S2DW TI1-MSP58C20S2DW Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
More results

Similar Description - MSP58C20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP58C20 TI1-MSP58C20_16 Datasheet
541Kb / 19P
[Old version datasheet]   AUDIO-BAND CONVERTER
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
logo
CML Microcircuits
CMX7031 CMLMICRO-CMX7031 Datasheet
3Mb / 82P
   Full Audio-band Processing
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
logo
Texas Instruments
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
logo
STMicroelectronics
TDA7418 STMICROELECTRONICS-TDA7418 Datasheet
383Kb / 29P
   3 Band car audio procesor
logo
Texas Instruments
TWL1102 TI-TWL1102 Datasheet
387Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1109 TI-TWL1109 Datasheet
369Kb / 27P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1106 TI1-TWL1106 Datasheet
266Kb / 19P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com