Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0903BSG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P0903BSG
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P0903BSG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P0903BSG Datasheet HTML 1Page - List of Unclassifed Manufacturers P0903BSG Datasheet HTML 2Page - List of Unclassifed Manufacturers P0903BSG Datasheet HTML 3Page - List of Unclassifed Manufacturers P0903BSG Datasheet HTML 4Page - List of Unclassifed Manufacturers P0903BSG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Jun-29-2004
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
P0903BSG
TO-263 (D2PAK)
Lead-Free
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Gate-Source Voltage
VGS
±20
V
TC = 25 °C
50
Continuous Drain Current
TC = 100 °C
ID
35
Pulsed Drain Current
1
IDM
200
Avalanche Current
IAR
40
A
Avalanche Energy
L = 0.1mH
EAS
250
Repetitive Avalanche Energy
2
L = 0.05mH
EAR
8.6
mJ
TC = 25 °C
50
Power Dissipation
TC = 100 °C
PD
30
W
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
Lead Temperature (
1/
16” from case for 10 sec.)
TL
275
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Case
RθJC
2.5
Junction-to-Ambient
RθJA
62.5
Case-to-Heatsink
RθCS
0.6
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle ≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX
UNIT
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
25
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1
1.6
3
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±250
nA
VDS = 20V, VGS = 0V
25
Zero Gate Voltage Drain Current
IDSS
VDS = 20V, VGS = 0V, TC = 125 °C
250
µA
1. GATE
2. DRAIN
3. SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
25
9.5mΩ
50A
G
D
S


Similar Part No. - P0903BSG

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P0903BD UNIKC-P0903BD Datasheet
907Kb / 5P
   N-Channel Enhancement Mode MOSFET
logo
List of Unclassifed Man...
P0903BDG ETC2-P0903BDG Datasheet
285Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P0903BDG UNIKC-P0903BDG Datasheet
537Kb / 5P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
P0903BDG VBSEMI-P0903BDG Datasheet
1,017Kb / 8P
   N-Channel 30-V (D-S) MOSFET
P0903BDL VBSEMI-P0903BDL Datasheet
1,017Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - P0903BSG

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com