Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7534051 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN7534051
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7534051 Datasheet(HTML) 5 Page - Texas Instruments

  SN7534051 Datasheet HTML 1Page - Texas Instruments SN7534051 Datasheet HTML 2Page - Texas Instruments SN7534051 Datasheet HTML 3Page - Texas Instruments SN7534051 Datasheet HTML 4Page - Texas Instruments SN7534051 Datasheet HTML 5Page - Texas Instruments SN7534051 Datasheet HTML 6Page - Texas Instruments SN7534051 Datasheet HTML 7Page - Texas Instruments SN7534051 Datasheet HTML 8Page - Texas Instruments SN7534051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
Recommended Operating Conditions
DRIVER SECTION
Electrical Characteristics
SN7534050, SN7534051
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS833 – MAY 2007
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
V5.25
VIH
High-level input voltage
2
V
DE, RE, D
VIL
Low-level input voltage
0.8
V
VIC
Common-mode input voltage(1)
Receiver
±7
V
VID
Differential input voltage
Receiver
±12
V
Driver
40
mA
IOH
High-level output current
Receiver
–400
µA
Driver
–40
IOL
Low-level output current
mA
Receiver
16
TA
Operating free-air temperature
–20
85
°C
(1)
Refer to TIA/EIA-422-B for exact conditions.
over recommended supply voltage and operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output voltage
VIH = 2 V, VIL = 0.8 V, IOH = –20 mA
3.7
V
VOL
Low-level output voltage
VIH = 2 V, VIL = 0.8 V, IOL = 20 mA
1.1
V
VOD1
Differential output voltage
IO = 0 mA
1.5
6
V
VOD2
Differential output voltage(2)
RL = 100 Ω,
See Figure 1
2
V
Change in magnitude of
∆V
OD
RL = 100 Ω,
See Figure 1
±0.4
V
differential output voltage(2)
VOC
Common-mode output voltage(2)
RL = 100 Ω,
See Figure 1
±3
V
Change in magnitude of
∆V
OC
RL = 100 Ω,
See Figure 1
±0.4
V
differential common-mode voltage(2)
VO = 6 V
100
Ioff
Output current with power off(2)
VCC = 0 V
µA
VO = –0.25 V
–100
IOZ
High-impedance-state output current
VO = –0.25 V to 6 V
±100
µA
IIH
High-level input current
VI = 2.7 V
20
µA
IIL
Low-level input current
VI = 0.4 V
–100
µA
IOS
Short-circuit output current(2)(3)
VO = VCC or GND
–30
–150
mA
Output enabled
80
110
ICC
Supply current (total package)
No load
mA
Output disabled
50
80
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Refer to TIA-EIA-422-B for exact conditions.
(3)
Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
5
Submit Documentation Feedback


Similar Part No. - SN7534051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372 TI-SN75372 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372D TI-SN75372D Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI1-SN75372D Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
SN75372D TI-SN75372D Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
More results

Similar Description - SN7534051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com