Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2EQX3201 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI2EQX3201
Description  3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3201 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI2EQX3201 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX3201 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PS8818
02/28/06
PI2EQX3201
3.2Gbps 2 Differential Channel Serial Re-driver
with built-in Equalization and De-emphasis
AC/DC Electrical Characteristics (TA = 0 to 70˚C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CML Transmitter Output (100Ω differential)
VDIFFP
Output Voltage Swing
Differential Swing
| VTX-D+ - VTX-D- |
400
900
mVp-p
VTX-C
Common-Mode Voltage
| VTX-D+ + VTX-D- | / 2
VCC-
0.3
tF, tR
Transition Time
20% to 80% (1)
150
ps
ZOUT
Output resistance
Single ended
40
50
60
ZTX-DIFF-DC
DC Differential TX Impedance
80
100
120
CTX
AC Coupling Capacitor
75
200
nF
VTX-DIFFP-P
Differential Peak-to-peak Ouput
Voltage
VTX-DIFFP-P = 2 * | VTX-D+ - VTX-D- |
0.8
1.8
V
LVCMOS Control Pins
VIH
Input High Voltage
0.65 ×
VDD
V
VIL
Input Low Voltage
0.35 ×
VDD
IIH
Input High Current
250
µA
IIL
Input Low Current
500
Note:
1. Using K28.7 (0011111000) pattern)
06-0086


Similar Part No. - PI2EQX3201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
More results

Similar Description - PI2EQX3201

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX3202 PERICOM-PI2EQX3202 Datasheet
553Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-driver with Built-in Equalization & De-emphasis
PI2EQX3202B PERICOM-PI2EQX3202B Datasheet
419Kb / 7P
   3.2Gbps, 4 Differential Channel, Serial Re-Driver with Equalization, De-emphasis, and Squelch
PI2EQX3211B PERICOM-PI2EQX3211B Datasheet
408Kb / 5P
   3.2Gbps 2 Differential Channel Serial Re-driver with Equalization, Squelch and Flow-Through Pinout
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
   3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
PI2EQX3232B PERICOM-PI2EQX3232B Datasheet
465Kb / 7P
   3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
logo
Semtech Corporation
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
Texas Instruments
DS64BR401 TI1-DS64BR401_13 Datasheet
4Mb / 36P
[Old version datasheet]   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
logo
Semtech Corporation
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
logo
National Semiconductor ...
DS64BR401 NSC-DS64BR401 Datasheet
1Mb / 30P
   Quad Bi-Directional Transceiver with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com