Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25170XG Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X25170XG
Description  SPI Serial E 2 PROM with Block Lock ??Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25170XG Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X25170XG Datasheet HTML 5Page - IC MICROSYSTEMS X25170XG Datasheet HTML 6Page - IC MICROSYSTEMS X25170XG Datasheet HTML 7Page - IC MICROSYSTEMS X25170XG Datasheet HTML 8Page - IC MICROSYSTEMS X25170XG Datasheet HTML 9Page - IC MICROSYSTEMS X25170XG Datasheet HTML 10Page - IC MICROSYSTEMS X25170XG Datasheet HTML 11Page - IC MICROSYSTEMS X25170XG Datasheet HTML 12Page - IC MICROSYSTEMS X25170XG Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
X25170
Characteristics subject to change without notice.
9 of 15
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.
Symbol
Parameter
Max.
Units
Test Conditions
COUT
(2)
Output capacitance (SO)
8
pF
VOUT = 0V
CIN
(2)
Input capacitance (SCK, SI, CS, WP, HOLD)
6
pF
VIN = 0V
EQUIVALENT A.C. LOAD CIRCUIT
A.C. CONDITIONS OF TEST
Output
5V
1.44K
1.95K
100pF
Output
3V
1.64K
4.63K
100pF
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC X 0.5
A.C. CHARACTERISTICS (Over recommended operationg conditions, unless otherwise specified.)
Data Input Timing
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock frequency
0
5
MHz
tCYC
Cycle time
200
ns
tLEAD
CS lead time
100
ns
tLAG
CS lag time
100
ns
tWH
Clock HIGH time
80
ns
tWL
Clock LOW time
80
ns
tSU
Data setup time
20
ns
tH
Data hold time
20
ns
tRI
(4)
Data in rise time
2
µs
tFI
(4)
Data in fall time
2
µs
tHD
HOLD setup time
40
ns
tCD
HOLD hold time
40
ns
tCS
CS deselect time
100
ns
tWC
(5)
Write cycle time
10
ms


Similar Part No. - X25170XG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X251 ETC1-X251 Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
X251-883B ETC1-X251-883B Datasheet
67Kb / 1P
   X200 SERIES (CMOS) STANDARD SPECFITIONS
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25128FG ICMIC-X25128FG Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results

Similar Description - X25170XG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
logo
Xicor Inc.
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com