Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2356AIDGKTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2356AIDGKTG4
Description  200MHz, CMOS OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2356AIDGKTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2356AIDGKTG4 Datasheet HTML 4Page - Texas Instruments OPA2356AIDGKTG4 Datasheet HTML 5Page - Texas Instruments OPA2356AIDGKTG4 Datasheet HTML 6Page - Texas Instruments OPA2356AIDGKTG4 Datasheet HTML 7Page - Texas Instruments OPA2356AIDGKTG4 Datasheet HTML 8Page - Texas Instruments OPA2356AIDGKTG4 Datasheet HTML 9Page - Texas Instruments OPA2356AIDGKTG4 Datasheet HTML 10Page - Texas Instruments OPA2356AIDGKTG4 Datasheet HTML 11Page - Texas Instruments OPA2356AIDGKTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
OPA356, 2356
8
SBOS212A
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = 5V, G = +2, RF = 604Ω, RL = 150Ω connected to VS/2, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
65
85
105
5
25
45
135
125
–55
–35
–15
10n
1n
100
10
1
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
FOR V
S = 3V
Output Current (mA)
60
30
90
120
150
0
3
2
1
0
125
°C
125
°C
25
°C
25
°C
–55
°C
–55
°C
Continuous currents above
60mA are not recommended
SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
65
85
105
5
25
45
135
125
–55
–35
–15
14
12
10
8
6
4
2
0
V
S = 5V
V
S = 3V
V
S = 5.5V
V
S = 2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
FOR V
S = 5V
Output Current (mA)
100
50
150
200
250
0
5
4
3
2
1
0
125
°C
125
°C
25
°C
25
°C
–55
°C
–55
°C
Continuous currents above
60mA are not recommended
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10M
100M
1M
1G
10k
100k
100
10
1
0.1
0.01
0.001
OPA356
604
604
Z
O
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (MHz)
10
100
1
6
5
4
3
2
1
0
V
S = 5.5V
V
S = 2.7V
Maximum Output
Voltage without
Slew-Rate
Induced Distortion


Similar Part No. - OPA2356AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2356AIDGKT BURR-BROWN-OPA2356AIDGKT Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2356AIDGKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA356 BURR-BROWN-OPA356 Datasheet
263Kb / 13P
   200MHz, CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
EC5911 E-CMOS-EC5911 Datasheet
470Kb / 6P
   200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com