Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3204 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3204
Description  AUDIO DSP WITH ANALOG INTERFACE
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3204 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS3204 Datasheet HTML 2Page - Texas Instruments TAS3204 Datasheet HTML 3Page - Texas Instruments TAS3204 Datasheet HTML 4Page - Texas Instruments TAS3204 Datasheet HTML 5Page - Texas Instruments TAS3204 Datasheet HTML 6Page - Texas Instruments TAS3204 Datasheet HTML 7Page - Texas Instruments TAS3204 Datasheet HTML 8Page - Texas Instruments TAS3204 Datasheet HTML 9Page - Texas Instruments TAS3204 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
www.ti.com
2.6 I2C Control Interface
2.7 8051 Microcontroller
2.8 Audio Digital Signal Processor Core
TAS3204
AUDIO DSP
WITH ANALOG INTERFACE
SLES197 – APRIL 2007
Sample rate change on the fly should be handled by customer system controller. The TAS3204
device does not include any internal clock error or click/pop detection/management.
Customer-specific DAP filter coefficients must be uploaded by customer system controller on
changing sample rate.
In slave mode, all incoming serial audio data must be synchronous to an incoming LRCLK_IN of 44.1 kHz
or 48 kHz.
The TAS3204 has an I2C slave-only interface (SDA1 and SCL1) for receiving commands and providing
status to the system controller, and a separate master I2C interface (SDA2 and SCL2) to download
programs and data from external memory such as an EEPROM. See Section 6 for more information. I2C
interface is not 5-V tolerant.
The 8051 microcontroller receives and distributes I2C write data. It retrieves and outputs data as
requested from the I2C bus controller. It performs most processing tasks requiring multi-frame processing
cycles. The microprocessor has its own data RAM for storing intermediate values and queuing I2C
commands, a fixed boot program ROM, and a programmable RAM. The microprocessor's boot program
cannot be altered. The microcontroller has specialized hardware for a master and slave interface
operation, volume updates, and a programmable interval-timer interrupt.
The audio digital signal processor core arithmetic unit is a fixed-point computational engine consisting of
an arithmetic unit and data and coefficient memory blocks. The audio processing structure, which can
include mixers, multiplexers, volume, bass and treble, equalizers, dynamic range compression, or
third-party algorithms, is running in the DAP. The 8051 microcontroller has access to DAP resources such
as coefficient RAM and is able to support the DAP with certain tasks; for example, a volume ramp. The
primary blocks of the audio DSP core are:
• 48-bit data path with 76-bit accumulator
• DSP controller
• Memory interface
• Coefficient RAM (1K×28)
• Data RAM – 24-bit upper memory (1K×24), 48-bit lower memory (768×48)
• Program RAM (3K×55)
The DAP is discussed in detail in the following sections.
6
Functional Description
Submit Documentation Feedback


Similar Part No. - TAS3204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3202PAG TI1-TAS3202PAG Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3202PAGR TI1-TAS3202PAGR Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
[Old version datasheet]   GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com