Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3204PAGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3204PAGR
Description  AUDIO DSP WITH ANALOG INTERFACE
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3204PAGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS3204PAGR Datasheet HTML 5Page - Texas Instruments TAS3204PAGR Datasheet HTML 6Page - Texas Instruments TAS3204PAGR Datasheet HTML 7Page - Texas Instruments TAS3204PAGR Datasheet HTML 8Page - Texas Instruments TAS3204PAGR Datasheet HTML 9Page - Texas Instruments TAS3204PAGR Datasheet HTML 10Page - Texas Instruments TAS3204PAGR Datasheet HTML 11Page - Texas Instruments TAS3204PAGR Datasheet HTML 12Page - Texas Instruments TAS3204PAGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
www.ti.com
TAS3204
AUDIO DSP
WITH ANALOG INTERFACE
SLES197 – APRIL 2007
TERMINAL
INPUT/
PULLUP/
DESCRIPTION
OUTPUT(1)
PULLDOWN(2)
NAME
NO.
I2C1_SDA
2
Digital I/O
Slave I2C serial clock input. Normally connected to system micro.
Master I2C serial control data interface input/output. Normally
I2C2_SCL
64
Digital Input
connected to EEPROM.
I2C2_SDA
63
Digital I/O
Master I2C serial clock input. Normally connected to EEPROM.
LRCLK_IN
58
Digital Input
Pulldown
Serial data input left/right clock for I2S interface
LRCLK_OUT
51
Digital Output
Serial data output left/right clock for I2S interface
MCLK input is used in slave mode. MCLK_IN must be locked to
MCLK_IN
43
Digital Input
Pulldown
LRCLK_IN, and the frequency is 512Fs (24.576 MHz for 48-kHz Fs).
MCLK_OUT1
48
Digital Output
12.288 MHz clock output. This output is valid even when reset is LOW.
The frequency for this clock is 6.144 MHz/(n+1) where n is programable
MCLK_OUT2
47
Digital Output
in the range 0 to 255. Default value is 1.024 MHz. This output is valid
even when reset is LOW.
The frequency for this clock is 512 kHz/(n+1) where n is programmable
MCLK_OUT3
46
Digital Output
in the range 0 to 255. Default value is 512 kHz. This output is valid
even when reset is LOW.
This pin needs to be programmed as mute pin in the application code.
MUTE
5
Digital Input
Pulldown
In has no function in default after reset.
Power down, active LOW. After successful boot, its function is defined
PDN
7
Digital Input
by the boot code.
RESERVED
50
N/A
Pulldown
Connect to ground.
System reset input, active low. A system reset is generated by applying
RESET
62
Digital Input
Pullup
a logic LOW to this terminal.
Requires a 22-k
Ω (1%) external resistor to ground to set analog
REXT
27
Analog Output
currents. Trace capacitance must be kept low.
SCLK_IN
59
Digital Input
Serial data input bit clock for I2S interface
SCLK_OUT
52
Digital Output
Serial data output bit clock for I2S interface
SDIN1/GPIO3
61
Digital I/O
Pullup
Serial data input #1 for I2S interface or programmable for GPIO #3
SDIN2/GPIO4
60
Digital I/O
Pullup
Serial data input #2 for I2S interface or programmable for GPIO #4
SDOUT1
54
Digital Output
Serial data output #1 for I2S interface
SDOUT2
53
Digital Output
Serial data output #2 for I2S interface
Analog mid supply reference. This pin must be decoupled with a 0.1-
µF
VMID
25
Analog Output
low-ESR capacitor and an external 10-
µF filter cap.(4)
Voltage reference for analog supply. A pin-out of the internally
regulated 1.8 V power. A 0.1-
µF low ESR capacitor and a 4.7-µF filter
VR_ANA
39
Power
capacitor must be connected between this terminal and AVSS_PLL.
This terminal must not be used to power external devices.(4)
Voltage reference for digital supply. A pin-out of the internally regulated
1.8 V power. A 0.1-
µF low ESR capacitor and a 4.7-µF filter capacitor
VR_DIG
55
Power
must be connected between this terminal and DVSS. This terminal
must not be used to power external devices.(4)
Voltage reference for DPLL supply. A pin-out of internally regulated
1.8-V power supply. A 0.1-
µF low-ESR capacitor and a 4.7-µF filter
VR_PLL
10
Power
capacitor must be connected between this terminal and DVSS. This
terminal must not be used to power external devices.(4)
Band gap output. A 0.1-
µF low ESR capacitor should be connected
VREF
26
Analog Output
between this terminal and AVSS_PLL. This terminal must not be used
to power external devices.(4)
Voltage regulator enable. When enabled LOW, this input causes the
VREG_EN
49
Digital Input
power-supply regulators to be enabled.
XTAL_IN
41
Digital Input
Crystal input. A 24.576-MHz (512Fs) crystal should be used.
XTAL_OUT
42
Digital Output
Crystal output.
(4)
If desired, low ESR capacitance values can be implemented by paralleling two or more ceramic capacitors of equal value. Paralleling
capacitors of equal value provide an extended high frequency supply decoupling.
Submit Documentation Feedback
Physical Characteristics
9


Similar Part No. - TAS3204PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3202PAG TI1-TAS3202PAG Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3202PAGR TI1-TAS3202PAGR Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
More results

Similar Description - TAS3204PAGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TCM29C18 TI-TCM29C18 Datasheet
265Kb / 17P
[Old version datasheet]   ANALOG INTERFACE FOR DSP
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
   Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
logo
Texas Instruments
TAS3208 TI-TAS3208 Datasheet
221Kb / 9P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218_1 Datasheet
1Mb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3208 TI1-TAS3208_15 Datasheet
991Kb / 79P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3218 TI-TAS3218 Datasheet
1Mb / 78P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TAS3308 TI-TAS3308 Datasheet
370Kb / 11P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
TCM320AC46 TI1-TCM320AC46 Datasheet
254Kb / 19P
[Old version datasheet]   GEBERAL-PURPOSE AUDIO INTERFACE FOR DSP
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com