Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK4015BN Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # KK4015BN
Description  Dual 4-Stage Static Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4015BN Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  KK4015BN Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4015BN Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4015BN Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4015BN Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4015BN Datasheet HTML 5Page - KODENSHI_AUK CORP. KK4015BN Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KK4015B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.5 V or VCC - 0.5 V
VOUT=1.0 V or VCC - 1.0 V
VOUT=1.5 V or VCC - 1.5 V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.5 V or VCC - 0.5 V
VOUT=1.0 V or VCC - 1.0 V
VOUT=1.5 V or VCC - 1.5 V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN=GND or VCC
VIL=1.5V, VIH=3.5V, IO=-1µA
VIL=3.0V, VIH=7.0V, IO=-1µA
VIL=4.0V, VIH=11V, IO=-1µA
5.0
10
15
5.0
10
15
4.95
9.95
14.95
4.5
9.0
13.5
4.95
9.95
14.95
4.5
9.0
13.5
4.95
9.95
14.95
4.5
9.0
13.5
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND or VCC
VIL=1.5V, VIH=3.5V, IO=1µA
VIL=3.0V, VIH=7.0V, IO=1µA
VIL=4.0V, VIH=11V, IO=1µA
5.0
10
15
5.0
10
15
0.05
0.05
0.05
0.5
1.0
1.5
0.05
0.05
0.05
0.5
1.0
1.5
0.05
0.05
0.05
0.5
1.0
1.5
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
1.0
2.0
4.0
20
1.0
2.0
4.0
20
30
60
120
600
µA
IOL
Minimum Output
Low (Sink) Current
VIN= GND or VCC
VOL=0.4 V
VOL=0.5 V
VOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output
High (Source) Current
VIN= GND or VCC
VOH=4.6 V
VOH=2.5 V
VOH=9.5 V
VOH=13.5 V
5.0
5.0
10
15
-0.64
–2.0
–1.8
–4.2
-0.51
–1.6
–1.3
–3.4
-0.36
–1.15
–0.9
–2.4
mA
3


Similar Part No. - KK4015BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4011B KODENSHI-KK4011B Datasheet
221Kb / 5P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK4011BD KODENSHI-KK4011BD Datasheet
221Kb / 5P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK4011BN KODENSHI-KK4011BN Datasheet
221Kb / 5P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK4012B KODENSHI-KK4012B Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK4012BD KODENSHI-KK4012BD Datasheet
222Kb / 5P
   Dual 4-Input NAND Gate High-Voltage Silicon-Gate CMOS
More results

Similar Description - KK4015BN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
[Old version datasheet]   CMOS Dual 4-stage Static Shift Register
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
   DUAL 64-STAGE STATIC SHIFT REGISTER
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
   DUAL 64 STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com