Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KK4021B Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # KK4021B
Description  8-Bit Shift Register High-Voltage Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK4021B Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  KK4021B Datasheet HTML 1Page - KODENSHI_AUK CORP. KK4021B Datasheet HTML 2Page - KODENSHI_AUK CORP. KK4021B Datasheet HTML 3Page - KODENSHI_AUK CORP. KK4021B Datasheet HTML 4Page - KODENSHI_AUK CORP. KK4021B Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK4021B
TIMING REQUIREMENTS (CL=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tw
Minimum Pulse Width CP
5.0
10
15
160
80
50
160
80
50
320
160
100
ns
tw
Minimum Pulse Width PL
5.0
10
15
180
80
50
180
80
50
360
160
100
ns
tsu
Minimum Setup Time, DS toCP
5.0
10
15
120
80
60
120
80
60
240
160
120
ns
tsu
Minimum Setup Time, Pn to PL
5.0
10
15
50
30
20
50
30
20
100
60
40
ns
th
Minimum Hold Time, DS toCP
5.0
10
15
0
0
0
0
0
0
0
0
0
ns
th
Minimum Hold Time, Pn to PL
5.0
10
15
0
0
0
0
0
0
0
0
0
ns
trec
Minimum Recovery Time PL
5.0
10
15
280
140
100
280
140
100
560
240
200
ns
tr, tf
Maximum Input Rise or Fall Time
5.0
10
15
15
15
15
15
15
15
15
15
15
µs
EXPANDED LOGIC DIAGRAM
4


Similar Part No. - KK4021B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4020B KODENSHI-KK4020B Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
KK4020BD KODENSHI-KK4020BD Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
KK4020BN KODENSHI-KK4020BN Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
KK4023B KODENSHI-KK4023B Datasheet
221Kb / 5P
   Triple 3-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK4023BD KODENSHI-KK4023BD Datasheet
221Kb / 5P
   Triple 3-Input NAND Gate High-Voltage Silicon-Gate CMOS
More results

Similar Description - KK4021B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4021B IKSEMICON-IW4021B Datasheet
176Kb / 5P
   8-Bit Shift Register High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IN74HC4015 INTEGRAL-IN74HC4015 Datasheet
139Kb / 6P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4015A KODENSHI-KK74HC4015A Datasheet
269Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4015A IKSEMICON-IN74HC4015A Datasheet
192Kb / 7P
   Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
IN74AC164 IKSEMICON-IN74AC164 Datasheet
190Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT164 KODENSHI-KK74ACT164 Datasheet
572Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
KK74AC164 KODENSHI-KK74AC164 Datasheet
269Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT164 IKSEMICON-IN74ACT164 Datasheet
248Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74HC164 INTEGRAL-IN74HC164 Datasheet
96Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register, High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com