Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F8722TIPTSQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F8722TIPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
Download  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722TIPTSQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F8722TIPTSQTP Datasheet HTML 7Page - Microchip Technology PIC18F8722TIPTSQTP Datasheet HTML 8Page - Microchip Technology PIC18F8722TIPTSQTP Datasheet HTML 9Page - Microchip Technology PIC18F8722TIPTSQTP Datasheet HTML 10Page - Microchip Technology PIC18F8722TIPTSQTP Datasheet HTML 11Page - Microchip Technology PIC18F8722TIPTSQTP Datasheet HTML 12Page - Microchip Technology PIC18F8722TIPTSQTP Datasheet HTML 13Page - Microchip Technology PIC18F8722TIPTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F8722TIPTSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 448 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39646B-page 9
PIC18F8722 FAMILY
1.3
Details on Individual Family
Members
Devices in the PIC18F8722 family are available in
64-pin and 80-pin packages. Block diagrams for the
two groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in five
ways:
1.
Flash
program
memory
(48
Kbytes
for
PIC18F6527/8527
devices,
64
Kbytes
for
PIC18F6622/8622
devices,
96 Kbytes
for
PIC18F6627/8627 devices and 128 Kbytes for
PIC18F6722/8722).
2.
A/D channels (12 for 64-pin devices, 16 for
80-pin devices).
3.
I/O ports (7 bidirectional ports on 64-pin devices,
9 bidirectional ports on 80-pin devices).
4.
External Memory Bus, configurable for 8 and
16-bit operation, is available on PIC18F8527/
8622/8627/8722 devices.
All other features for devices in this family are identical.
These are summarized in Table 1-2 and Table 1-2.
The pinouts for all devices are listed in Table 1-3 and
Table 1-4.
Like all Microchip PIC18 devices, members of the
PIC18F8722 family are available as both standard and
low-voltage devices. Standard devices with Enhanced
Flash memory, designated with an “F” in the part
number (such as PIC18F6627), accommodate an
operating VDD range of 4.2V to 5.5V. Low-voltage
parts, designated by “LF” (such as PIC18LF6627),
function over an extended VDD range of 2.0V to 5.5V.
TABLE 1-1:
DEVICE FEATURES (PIC18F6527/6622/6627/6722)
Features
PIC18F6527
PIC18F6622
PIC18F6627
PIC18F6722
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
48K
64K
96K
128K
Program Memory (Instructions)
24576
32768
49152
65536
Data Memory (Bytes)
3936
3936
3936
3936
Data EEPROM Memory (Bytes)
1024
1024
1024
1024
Interrupt Sources
28282828
I/O Ports
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Ports A, B, C, D, E, F, G
Timers
5
5
5
5
Capture/Compare/PWM
Modules
22
22
Enhanced Capture/Compare/
PWM Modules
33
33
Enhanced USART
2
2
2
2
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications (PSP)
Yes
Yes
Yes
Yes
10-bit Analog-to-Digital Module
12 Input Channels
12 Input Channels
12 Input Channels
12 Input Channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
POR, BOR,
RESET
Instruction,
Stack Full, Stack
Underflow (PWRT, OST),
MCLR (optional), WDT
Programmable
High/Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out
Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
Packages
64-pin TQFP
64-pin TQFP
64-pin TQFP
64-pin TQFP


Similar Part No. - PIC18F8722TIPTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F8722TIPTSQTP MICROCHIP-PIC18F8722TIPTSQTP Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results

Similar Description - PIC18F8722TIPTSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F6627 MICROCHIP-PIC18F6627 Datasheet
7Mb / 444P
   64/80-Pin 1-Mbit Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F8722 MICROCHIP-PIC18F8722_08 Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F8723 MICROCHIP-PIC18F8723 Datasheet
1Mb / 60P
   64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
PIC18F6625 MICROCHIP-PIC18F6625 Datasheet
143Kb / 6P
   64/80-Pin High-Performance, 1-Mbit Enhanced Flash Microcontrollers with A/D and nanoWatt Technology
2004
PIC18F87K22 MICROCHIP-PIC18F87K22 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F67J11-IPT MICROCHIP-PIC18F67J11-IPT Datasheet
7Mb / 448P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
03/26/09
PIC18F87J10 MICROCHIP-PIC18F87J10_09 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com