Selected language     English  ▼


KK4060B Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. KK4060B
Description  14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

   
 3 page
background image
KK4060B
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT= 0.5 V or VCC - 0.5V
VOUT= 1.0 V or VCC - 1.0 V
VOUT= 1.5 V VCC - 1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -
Level Input Voltage
VOUT= 0.5 V or VCC - 0.5V
VOUT= 1.0 V or VCC - 1.0 V
VOUT= 1.5 V VCC - 1.5V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
5
10
20
100
5
10
20
100
150
300
600
3000
µA
IOL
Minimum Output
Low (Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output
High (Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
mA
3




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK4020B14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4024B7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
CD54HC4060_07High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator 1 2 3 4 5 MoreTexas Instruments
KK4040B12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74AC174Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC112ADual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4019BQuad AND/OR Select Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
SN54HC4060_0614-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS 1 2 3 4 5 MoreTexas Instruments
KK74AC175Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC174AHex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl