Electronic Components Datasheet Search
Selected language     English  ▼


KK4060B Datasheet(PDF) 4 Page - KODENSHI KOREA CORP.

Part No. KK4060B
Description  14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

   
 4 page
background image
KK4060B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figure 1)
5.0
10
15
3.5
8
12
3.5
8
12
1.75
4
6
MHz
tPHL, tPLH
Maximum Propagation Delay, Clock to Q4
(Figure 1)
5.0
10
15
740
300
200
740
300
200
1480
600
400
ns
tPHL, tPLH
Maximum Propagation Delay, Qn to Qn+1
(Figure 2)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
tPHL
Maximum Propagation Delay, Reset to Any Q
(Figure 3)
5.0
10
15
360
160
100
360
160
100
720
320
200
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS (CL=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
100
40
30
100
40
30
200
80
60
ns
tw
Minimum Pulse Width, Reset (Figure 3)
5.0
10
15
120
60
40
120
60
40
240
120
80
ns
tf, tr
Maximum Input Rise and Fall Times (Figure 1)
5.0
10
15
Unlimited
ns
4




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK4020B14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4024B7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
CD54HC4060_07High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator 1 2 3 4 5 MoreTexas Instruments
KK4040B12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74AC174Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC112ADual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4019BQuad AND/OR Select Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
SN54HC4060_0614-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS 1 2 3 4 5 MoreTexas Instruments
KK74AC175Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC174AHex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl