Selected language     English  ▼


KK4060B Datasheet(PDF) 6 Page - KODENSHI KOREA CORP.

Part No. KK4060B
Description  14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

   
 6 page
background image
KK4060B
N SUFFIX PLASTIC
(MS - 001BB)
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
16
8
9
Dimensions, mm
Symbol
MIN
MAX
A
18.67
19.69
B
6.10
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
2.54
H
7.62
J
0
°
10
°
K
2.92
3.81
L
7.62
8.26
M
0.20
0.36
N
0.38
NOTES:
1.
imensions “A”, “B” do not include mold flash or protrusions.
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC
(MS - 012AC)
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
16
8
9
Dimensions, mm
Symbol.
MIN
MAX
A
9.80
10.0
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
1.27
H
5.72
J
0
°
8
°
K
0.10
0.25
M
0.19
0.25
P
5.80
6.20
R
0.25
0.50
NOTES:
1.Dimensions A and B do not include mold flash or protrusion.
2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A, for
B - 0.25 mm (0.010) per side.
6




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK4020B14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4024B7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
CD54HC4060_07High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator 1 2 3 4 5 MoreTexas Instruments
KK4040B12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74AC174Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC112ADual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4019BQuad AND/OR Select Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
SN54HC4060_0614-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS 1 2 3 4 5 MoreTexas Instruments
KK74AC175Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC174AHex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl