Electronic Components Datasheet Search
Selected language     English  ▼


KK4060B Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KK4060B
Description  14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

   
 1 page
background image
TECHNICAL DATA
KK4060B
14-Stage Ripple-Carry Binary
Counter/Divider and Oscillator
High-Voltage Silicon-Gate CMOS
ORDERING INFORMATION
KK4060BN Plastic
KK4060BD SOIC
TA = -55° to 125° C for all packages
The KK4060B consists of an oscillator section and 14 ripple-carry
binary counter stages. The oscillator configuration allows design of either
RC or crystal oscillator circuits. A RESET input is provided which resets
the counter to the all-Q’s state and disables the oscillator. A high level on
the RESET line accomplishes the reset function. All counter stages are
master-slave flip-flops. The state of the counter is advanced one step in
binary order on the negative transition of OSC In (and OSC Out). Schmitt
trigger action on the input-pulse line permits unlimited input-pulse rise
and fall times.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-temperature
range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Osc In
Reset
Q
L
No change
L
Advance to
next state
X
H
All Outputs
are low
X = don’t care
LOGIC DIAGRAM
PIN 16=VCC
PIN 8= GND
1




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KK4020B14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4024B7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
CD54HC4060_07High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator 1 2 3 4 5 MoreTexas Instruments
KK4040B12-Stage Binary Ripple Counter High-Voltage Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74AC174Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC112ADual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK4019BQuad AND/OR Select Gate High-Voltage Silicon-Gate CMOS 1 2 3 4 5 KODENSHI KOREA CORP.
SN54HC4060_0614-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS 1 2 3 4 5 MoreTexas Instruments
KK74AC175Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
KK74HC174AHex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl